Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD97394Q4M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CSD97394Q4M
Description  CSD97394Q4M Synchronous Buck NexFET Power Stage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD97394Q4M Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD97394Q4M Datasheet HTML 2Page - Texas Instruments CSD97394Q4M Datasheet HTML 3Page - Texas Instruments CSD97394Q4M Datasheet HTML 4Page - Texas Instruments CSD97394Q4M Datasheet HTML 5Page - Texas Instruments CSD97394Q4M Datasheet HTML 6Page - Texas Instruments CSD97394Q4M Datasheet HTML 7Page - Texas Instruments CSD97394Q4M Datasheet HTML 8Page - Texas Instruments CSD97394Q4M Datasheet HTML 9Page - Texas Instruments CSD97394Q4M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
7
1
8
9
SKIP#
PWM
PGND
BOOT
DRVH
VSW
VDD
4
+
+
+
+
Level Shift
DRVL
+
1 V
1 V
VDD
3-State
Logic
VDD
VUVLO
3-State
Logic
VDD
800k
1.7Meg
800k
1.7Meg
2
Control
FET
Sync
FET
6 BOOT_R
DRVL
5
VIN
3
PGND
CSD97394Q4M
SLPS542 – JANUARY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The CSD97394Q4M NexFET™ Power Stage is a highly optimized design for use in a high-power, high-density
synchronous buck converter.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Powering CSD97394Q4M And Gate Drivers
An external VDD voltage is required to supply the integrated gate driver IC and provide the necessary gate drive
power for the MOSFETS. A 1 µF 10 V X5R or higher ceramic capacitor is recommended to bypass VDD pin to
PGND. A bootstrap circuit to provide gate drive power for the Control FET is also included. The bootstrap supply
to drive the Control FET is generated by connecting a 100nF 16V X5R ceramic capacitor between BOOT and
BOOT_R pins. An optional RBOOT resistor can be used to slow down the turn on speed of the Control FET and
reduce voltage spikes on the VSW node. A typical 1 Ω to 4.7 Ω value is a compromise between switching loss
and VSW spike amplitude.
7.3.2 Undervoltage Lockout Protection (UVLO)
The undervoltage lockout (UVLO) comparator evaluates the VDD voltage level. As VVDD rises, both the Control
FET and Sync FET gates hold actively low at all times until VVDD reaches the higher UVLO threshold (VUVLO_H).,
Then the driver becomes operational and responds to PWM and SKIP# commands. If VDD falls below the lower
UVLO threshold (VUVLO_L = VUVLO_H – Hysteresis), the device disables the driver and drives the outputs of the
Control FET and Sync FET gates actively low. Figure 1 shows this function.
CAUTION
Do not start the driver in the very low power mode (SKIP# = Tri-state).
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - CSD97394Q4M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD97395Q4M TI-CSD97395Q4M Datasheet
996Kb / 22P
[Old version datasheet]   CSD97395Q4M Synchronous Buck NexFET??Power Stage
CSD97395Q4MT TI-CSD97395Q4MT Datasheet
996Kb / 22P
[Old version datasheet]   CSD97395Q4M Synchronous Buck NexFET??Power Stage
CSD97395Q4M TI-CSD97395Q4M_15 Datasheet
996Kb / 22P
[Old version datasheet]   CSD97395Q4M Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97396Q4MT TI1-CSD97396Q4MT Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results

Similar Description - CSD97394Q4M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com