Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN2R6-60PS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN2R6-60PS
Description  N-channel 60 V, 2.6 m廓 standard level MOSFET in SOT78
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN2R6-60PS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN2R6-60PS_15 Datasheet HTML 4Page - NXP Semiconductors PSMN2R6-60PS_15 Datasheet HTML 5Page - NXP Semiconductors PSMN2R6-60PS_15 Datasheet HTML 6Page - NXP Semiconductors PSMN2R6-60PS_15 Datasheet HTML 7Page - NXP Semiconductors PSMN2R6-60PS_15 Datasheet HTML 8Page - NXP Semiconductors PSMN2R6-60PS_15 Datasheet HTML 9Page - NXP Semiconductors PSMN2R6-60PS_15 Datasheet HTML 10Page - NXP Semiconductors PSMN2R6-60PS_15 Datasheet HTML 11Page - NXP Semiconductors PSMN2R6-60PS_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NXP Semiconductors
PSMN2R6-60PS
N-channel 60 V, 2.6 mΩ standard level MOSFET in SOT78
PSMN2R6-60PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
5 February 2013
8 / 13
003aag814
0
0.6
1.2
1.8
2.4
-60
0
60
120
180
Tj (°C)
a
Fig. 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aaa508
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 13. Gate charge waveform definitions
003aah672
0
2
4
6
8
10
0
50
100
150
QG(nC)
VGS
(V)
VDS= 48V
14 V
Fig. 14. Gate-source voltage as a function of gate
charge; typical values
003aah673
102
103
104
10-1
1
10
102
VDS(V)
C
(pF)
Ciss
Crss
Coss
Fig. 15. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values


Similar Part No. - PSMN2R6-60PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R6-60PS NXP-PSMN2R6-60PS Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 standard level MOSFET in SOT78
5 February 2013
logo
Inchange Semiconductor ...
PSMN2R6-60PS ISC-PSMN2R6-60PS Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R6-60PS NEXPERIA-PSMN2R6-60PS Datasheet
731Kb / 13P
   N-channel 60 V, 2.6 mΩ standard level MOSFET in SOT78
5 February 2013
More results

Similar Description - PSMN2R6-60PS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R6-60PS NXP-PSMN2R6-60PS Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 standard level MOSFET in SOT78
5 February 2013
PSMN2R5-60PL NXP-PSMN2R5-60PL Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
7 February 2013
PSMN2R5-60PL PHILIPS-PSMN2R5-60PL_15 Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
27 February 2013
logo
Nexperia B.V. All right...
PSMN2R6-60PS NEXPERIA-PSMN2R6-60PS Datasheet
731Kb / 13P
   N-channel 60 V, 2.6 mΩ standard level MOSFET in SOT78
5 February 2013
logo
NXP Semiconductors
PSMN3R9-60PS NXP-PSMN3R9-60PS Datasheet
257Kb / 13P
   N-channel 60 V, 3.9 m廓 standard level MOSFET in SOT78
1 February 2013
PSMN3R9-60PS PHILIPS-PSMN3R9-60PS_15 Datasheet
257Kb / 13P
   N-channel 60 V, 3.9 m廓 standard level MOSFET in SOT78
1 February 2013
logo
Nexperia B.V. All right...
PSMN2R5-60PL NEXPERIA-PSMN2R5-60PL Datasheet
731Kb / 13P
   N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
27 February 2013
logo
NXP Semiconductors
PSMN3R3-60PL NXP-PSMN3R3-60PL Datasheet
263Kb / 13P
   N-channel 60 V, 3.4 m廓 logic level MOSFET in SOT78
7 February 2013
PSMN4R2-60PL NXP-PSMN4R2-60PL Datasheet
262Kb / 13P
   N-channel 60 V, 3.9 m廓 logic level MOSFET in SOT78
5 February 2013
PSMN1R9-40PL PHILIPS-PSMN1R9-40PL_15 Datasheet
263Kb / 13P
   N-channel 40 V, 1.7 m廓 logic level MOSFET in SOT78
1 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com