Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5001 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5001
Description  High-Voltage Switch-Mode Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5001 Datasheet(HTML) 4 Page - Texas Instruments

  LM5001_15 Datasheet HTML 1Page - Texas Instruments LM5001_15 Datasheet HTML 2Page - Texas Instruments LM5001_15 Datasheet HTML 3Page - Texas Instruments LM5001_15 Datasheet HTML 4Page - Texas Instruments LM5001_15 Datasheet HTML 5Page - Texas Instruments LM5001_15 Datasheet HTML 6Page - Texas Instruments LM5001_15 Datasheet HTML 7Page - Texas Instruments LM5001_15 Datasheet HTML 8Page - Texas Instruments LM5001_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM5001, LM5001-Q1
SNVS484H – JANUARY 2007 – REVISED JULY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN to GND
76
V
SW to GND (Steady State)
–0.3
76
V
VCC, EN to GND
14
V
COMP, FB, RT to GND
–0.3
7
V
Maximum Junction Temperature
150
°C
Storage Temperature Range, Tstg
-65
150
°C
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VIN
3.1
75
V
Operating Junction Temperature
−40
125
°C
6.4 Thermal Information
LM5001-Q1
LM5001
THERMAL METRIC
SOIC
SOIC
WSON
UNIT
(8 PINS)
RθJA
Junction-to-ambient thermal resistance
140
140
40
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
32
32
4.5
6.5 Electrical Characteristics
Minimum and Maximum limits are ensured through test, design, or statistical correlation, over the junction temperature (TJ)
range of –40°C to +125°C. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. VVIN = 10 V, RRT = 48.7 kΩ unless otherwise stated
(1).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Startup Regulator
VVCC-REG
VCC Regulator Output
6.55
6.85
7.15
V
VCC Current Limit
VVCC = 6 V
15
20
mA
VCC UVLO Threshold
VVCC increasing
2.6
2.8
3
V
VCC Undervoltage Hysteresis
0.1
Bias Current (IIN)
VFB = 1.5 V
3.1
4.5
mA
IQ
Shutdown Current (IIN)
VEN = 0V
95
130
µA
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM5001 LM5001-Q1


Similar Part No. - LM5001_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
More results

Similar Description - LM5001_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
   High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5000 TI-LM5000_15 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
   High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
   High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002_09 Datasheet
367Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
   High Voltage Switch Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com