Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA639 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA639
Description  Low voltage mixer FM IF system with filter amplifier and data switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA639 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA639_15 Datasheet HTML 7Page - NXP Semiconductors SA639_15 Datasheet HTML 8Page - NXP Semiconductors SA639_15 Datasheet HTML 9Page - NXP Semiconductors SA639_15 Datasheet HTML 10Page - NXP Semiconductors SA639_15 Datasheet HTML 11Page - NXP Semiconductors SA639_15 Datasheet HTML 12Page - NXP Semiconductors SA639_15 Datasheet HTML 13Page - NXP Semiconductors SA639_15 Datasheet HTML 14Page - NXP Semiconductors SA639_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
SA639
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 10 July 2014
11 of 29
NXP Semiconductors
SA639
Low voltage mixer FM IF system with filter amplifier and data switch
9.
Limiting values
[1]
Except logic input pins (POWER_DOWN_CTRL and SWITCH_CTRL), which can have 6 V maximum.
10. Thermal characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.3
+6
V
Vn
voltage on any other pin
[1]
0.3
VCC +0.3
V
Tstg
storage temperature
65
+150
C
Tamb
ambient temperature
operating
40
+85
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Zth(j-a)
transient thermal impedance
from junction to ambient
TSSOP24 package
117
C/W


Similar Part No. - SA639_15

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA6392 SILAN-SA6392 Datasheet
190Kb / 9P
   4CHANNEL BTL DRIVER FOR CD PLAYERS
logo
NXP Semiconductors
SA639DH PHILIPS-SA639DH Datasheet
226Kb / 16P
   Low voltage mixer FM IF system with filter amplifier and data switch
1998 Feb 10
SA639DH NXP-SA639DH Datasheet
2Mb / 29P
   Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
SA639DH01 NXP-SA639DH01 Datasheet
2Mb / 29P
   Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
SA639DH112 NXP-SA639DH112 Datasheet
2Mb / 29P
   Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
More results

Similar Description - SA639_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA639 PHILIPS-SA639 Datasheet
226Kb / 16P
   Low voltage mixer FM IF system with filter amplifier and data switch
1998 Feb 10
SA639 NXP-SA639 Datasheet
2Mb / 29P
   Low voltage mixer FM IF system with filter amplifier and data switch
Rev. 4-10 July 2014
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
SA676 NXP-SA676 Datasheet
509Kb / 22P
   Low-voltage mixer FM IF system
Rev. 3-19 July 2012
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606_15 Datasheet
532Kb / 33P
   Low-voltage high performance mixer FM IF system
Rev. 6-8 November 2013
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
   Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
SA608 PHILIPS-SA608 Datasheet
178Kb / 14P
   Low voltage high performance mixer FM IF system
November 3, 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com