Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1863DBTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1863DBTR
Description  PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1863DBTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1863DBTR Datasheet HTML 6Page - Texas Instruments PCM1863DBTR Datasheet HTML 7Page - Texas Instruments PCM1863DBTR Datasheet HTML 8Page - Texas Instruments PCM1863DBTR Datasheet HTML 9Page - Texas Instruments PCM1863DBTR Datasheet HTML 10Page - Texas Instruments PCM1863DBTR Datasheet HTML 11Page - Texas Instruments PCM1863DBTR Datasheet HTML 12Page - Texas Instruments PCM1863DBTR Datasheet HTML 13Page - Texas Instruments PCM1863DBTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
PCM1861, PCM1863, PCM1865
SLAS831C – MARCH 2014 – REVISED AUGUST 2014
www.ti.com
6.5 Electrical Characteristics, DC
all specifications at TA = 25°C, AVDD = 3.3V, DVDD = 3.3V, IOVDD = 3.3V, Master Mode, Single Speed Mode, fS = 48kHz,
system clock = 256×fS, 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power
3.3V AVDD Current
2ch 48kHz, XTAL Master Mode
16
mA
3.3V AVDD Current
4ch, 48kHz, Slave mode
31
mA
3.3V DVDD Current
2ch 48kHz, XTAL Master Mode
10
µA
3.3V DVDD Current
4ch 48kHz, XTAL Master Mode
10
µA
1.8V DVDD Current
DVDD=1.8V, 2ch, 48kHz, XTAL
10
µA
Valid with recommended values on
PSRR
80
dB
Analog Rails (AVDD, VREF etc)
Power Consumption
48kHz 2ch Active 3.3V source for all
80
mW
48kHz Sleep (Energysense) 3.3V
Power Consumption
24
mW
source for all
Power Consumption
48kHz Standby 3.3V source for all
0.59
mW
Power Consumption
48kHz 4ch Active 3.3V source for all
145
mW
3.3V AVDD Current
2ch 48kHz with XTAL - Sleep Mode
2.7
mA
2ch 48kHz with XTAL - Standby
3.3V AVDD Current
17.1
mA
Mode
2ch 48kHz with XTAL - Powerdown
3.3V AVDD Current
1.2
mA
Mode
3.3V DVDD 2ch Mode, 48kHz,
3.3V DVDD Current
353
µA
Master Mode - Sleep Mode
3.3V DVDD 2ch Mode, 48kHz,
3.3V DVDD Current
353
µA
Master Mode - Standby Mode
3.3V DVDD 2ch Mode, 48kHz,
3.3V DVDD Current
353
µA
master mode - Powerdown
DVDD=1.8V, 2ch, 48kHz, XTAL.-
1.8V DVDD Current
384
µA
Sleep Mode
DVDD=1.8V, 2ch, 48kHz, XTAL.-
1.8V DVDD Current
384
µA
Powerdown
DVDD=1.8V, 2ch, 48kHz, XTAL.
1.8V DVDD Current
384
µA
Powerdown
Power Consumption (3.3V AVDD,
48kHz 2ch Active 3.3V analog, 1.8V
68
mW
1.8V DVDD)
digital
Power Consumption (3.3V AVDD,
48kHz 4ch Active 3.3V analog, 1.8V
128
mW
1.8V DVDD)
digital
3.3V AVDD Current
4ch, 48kHz, Master mode
31
mA
Mic Bias
Mic Bias Noise
5
µVRMS
Mic Bias Current Capability
4
mA
Mic Bias Voltage
2.6
V
Digital IO
VOH
Output Logic "High" Voltage Level
IOH = 2 mA
75
%IOVDD
VOL
Output Logic "Low" Voltage Level
IOH = –2mA
25
%IOVDD
|IIH|1
Input Logic "High" Current Level
All digital pins
10
µA
|IIL|1
Input Logic "Low" Current Level
All digital pins
–10
µA
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: PCM1861 PCM1863 PCM1865


Similar Part No. - PCM1863DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1863 TI1-PCM1863 Datasheet
2Mb / 141P
[Old version datasheet]   Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PCM1863-Q1 TI1-PCM1863-Q1 Datasheet
2Mb / 141P
[Old version datasheet]   Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PCM1863QDBTRQ1 TI1-PCM1863QDBTRQ1 Datasheet
2Mb / 141P
[Old version datasheet]   Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
More results

Similar Description - PCM1863DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1860 TI-PCM1860_15 Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 103 dB 2ch and 4ch Audio ADCs With Universal Front End
PCM1860 TI1-PCM1860 Datasheet
6Mb / 115P
[Old version datasheet]   4ch Audio ADCs With Universal Front End
PCM1865-Q1 TI1-PCM1865-Q1 Datasheet
5Mb / 108P
[Old version datasheet]   Universal Front End
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
   Analog Audio Front-End
AS1488 AMSCO-AS1488 Datasheet
875Kb / 20P
   Analog Audio Front End
AS3510 AMSCO-AS3510_04 Datasheet
875Kb / 20P
   ANALOG AUDIO FRONT-END
logo
THOR communications
4HD-EM THOR-4HD-EM Datasheet
7Mb / 27P
   2ch or 4ch HD-SDI
logo
Vicor Corporation
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
   Universal AC Input Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com