Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1330ATS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UDA1330ATS
Description  Low-cost stereo filter DAC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1330ATS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UDA1330ATS_15 Datasheet HTML 6Page - NXP Semiconductors UDA1330ATS_15 Datasheet HTML 7Page - NXP Semiconductors UDA1330ATS_15 Datasheet HTML 8Page - NXP Semiconductors UDA1330ATS_15 Datasheet HTML 9Page - NXP Semiconductors UDA1330ATS_15 Datasheet HTML 10Page - NXP Semiconductors UDA1330ATS_15 Datasheet HTML 11Page - NXP Semiconductors UDA1330ATS_15 Datasheet HTML 12Page - NXP Semiconductors UDA1330ATS_15 Datasheet HTML 13Page - NXP Semiconductors UDA1330ATS_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2001 Feb 02
10
NXP Semiconductors
Product specification
Low-cost stereo filter DAC
UDA1330ATS
handbook, full pagewidth
tstp(L3)
address
L3DATA
L3CLOCK
L3MODE
address
data byte #1
data byte #2
MGL725
Fig.6 Multibyte data transfer.
Programming the features
When the data transfer of type ‘status’ is selected, the features for the system clock frequency and the data input format
can be controlled.
Table 6
Data transfer of type ‘status’
When the data transfer of type ‘data’ is selected, the features for volume, de-emphasis and mute can be controlled.
Table 7
Data transfer of type ‘data’
BIT7
BIT6
BIT5
BIT4
BIT 3
BIT2
BIT1
BIT0
REGISTER SELECTED
0
0
SC1
SC0
IF2
IF1
IF0
0
SC = system clock frequency (2 bits); see Table 8
IF = data input format (3 bits); see Table 9
1
000
000
0
not used
BIT7
BIT6
BIT5
BIT4
BIT 3
BIT2
BIT1
BIT0
REGISTER SELECTED
0
0
VC5
VC4
VC3
VC2
VC1
VC0
VC = volume control (6 bits); see Table 11
0
100
000
0
not used
1
0
0
DE1
DE0
MT
0
0
DE = de-emphasis (2 bits); see Table 10
MT =mute (1bit); seeTable 12
1
100
000
1
default setting


Similar Part No. - UDA1330ATS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
   Low-cost stereo filter DAC
2000 Apr 18
More results

Similar Description - UDA1330ATS_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
   Low-cost stereo filter DAC
2000 Apr 18
UDA1320ATS PHILIPS-UDA1320ATS Datasheet
102Kb / 20P
   Low-cost stereo filter DAC
2000 Jan 10
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
   Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
NXP Semiconductors
UDA1324TS PHILIPS-UDA1324TS Datasheet
107Kb / 20P
   Ultra low-voltage stereo filter DAC
2000 Jan 20
UDA1431T PHILIPS-UDA1431T Datasheet
96Kb / 17P
   16-bit, 48 kHz, low-cost stereo current DAC
Rev. 04-30 May 2006
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com