Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP070N08N3G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPP070N08N3G
Description  N-channel, normal level
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP070N08N3G Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPP070N08N3G Datasheet HTML 1Page - Infineon Technologies AG IPP070N08N3G Datasheet HTML 2Page - Infineon Technologies AG IPP070N08N3G Datasheet HTML 3Page - Infineon Technologies AG IPP070N08N3G Datasheet HTML 4Page - Infineon Technologies AG IPP070N08N3G Datasheet HTML 5Page - Infineon Technologies AG IPP070N08N3G Datasheet HTML 6Page - Infineon Technologies AG IPP070N08N3G Datasheet HTML 7Page - Infineon Technologies AG IPP070N08N3G Datasheet HTML 8Page - Infineon Technologies AG IPP070N08N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IPP070N08N3 G IPI070N08N3 G
IPB067N08N3 G
1 Power dissipation
2 Drain current
P `[`4R"T 8#
I 94R"T 8 V =H" .
3 Safe operating area
4 Max. transient thermal impedance
I 94R"V 9H T 8   T  D 4(
Z `T@84R"t \#
@1B
1=5D
5B
 t \
@1B
1=5D
5B
 D 4t \'T
V C
V C
V C
=C
=C
98
10
3
10
2
10
1
10
0
10
2
10
1
10
0
10
-1
V DS [V]
<9
=9
D
54 2 I ? >CD
1D
5
^Q_U_`MZOQ
C9
>7<5 @E<C5
(&()
(&(*
(&(-
(&)
(&*
(&-
10
1
10
0
10
-1
10
-2
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
t p [s]
0
50
100
150
0
50
100
150
200
T C [°C]
0
20
40
60
80
100
0
50
100
150
200
T C [°C]
+ 5F  
@175 
 


Similar Part No. - IPP070N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
More results

Similar Description - IPP070N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com