Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7Y113-100E Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK7Y113-100E
Description  N-channel 100 V, 113 m廓 standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7Y113-100E Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7Y113-100E_15 Datasheet HTML 1Page - NXP Semiconductors BUK7Y113-100E_15 Datasheet HTML 2Page - NXP Semiconductors BUK7Y113-100E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7Y113-100E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7Y113-100E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7Y113-100E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7Y113-100E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7Y113-100E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7Y113-100E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NXP Semiconductors
BUK7Y113-100E
N-channel 100 V, 113 mΩ standard level MOSFET in LFPAK56
BUK7Y113-100E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
8 May 2013
3 / 13
Symbol
Parameter
Conditions
Min
Max
Unit
Tj
junction temperature
-55
175
°C
Source-drain diode
IS
source current
Tmb = 25 °C
-
12
A
ISM
peak source current
pulsed; tp ≤ 10 µs; Tmb = 25 °C
-
48
A
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-source
avalanche energy
ID = 12 A; Vsup ≤ 100 V; RGS = 50 Ω;
VGS = 10 V; Tj(init) = 25 °C; unclamped;
Fig. 3
[1][2]
-
13.4
mJ
[1] Single-pulse avalanche rating limited by maximum junction temperature of 175 °C.
[2] Refer to application note AN10273 for further information.
003aai325
0
4
8
12
16
0
50
100
150
200
Tmb(°C)
ID
(A)
Fig. 1. Continuous drain current as a function of
mounting base temperature
Tmb (°C)
0
200
150
50
100
03aa16
40
80
120
Pder
(%)
0
Fig. 2. Normalized total power dissipation as a
function of mounting base temperature


Similar Part No. - BUK7Y113-100E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y113-100E NXP-BUK7Y113-100E Datasheet
294Kb / 13P
   N-channel 100 V, 113 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y113-100E NEXPERIA-BUK7Y113-100E Datasheet
731Kb / 13P
   N-channel 100 V, 113 mΩ standard level MOSFET in LFPAK56
8 May 2013
More results

Similar Description - BUK7Y113-100E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7Y113-100E NXP-BUK7Y113-100E Datasheet
294Kb / 13P
   N-channel 100 V, 113 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK9Y113-100E PHILIPS-BUK9Y113-100E_15 Datasheet
307Kb / 13P
   N-channel 100 V, 113 m廓 logic level MOSFET in LFPAK56
8 May 2013
logo
Nexperia B.V. All right...
BUK7Y113-100E NEXPERIA-BUK7Y113-100E Datasheet
731Kb / 13P
   N-channel 100 V, 113 mΩ standard level MOSFET in LFPAK56
8 May 2013
logo
NXP Semiconductors
BUK9Y113-100E NXP-BUK9Y113-100E Datasheet
298Kb / 13P
   N-channel 100 V, 113 m logic level MOSFET in LFPAK56
20 February 2013
PSMN013-100YSE PHILIPS-PSMN013-100YSE_15 Datasheet
291Kb / 13P
   N-channel 100 V 13 m廓 standard level MOSFET in LFPAK56
18 December 2012
BUK7Y153-100E NXP-BUK7Y153-100E Datasheet
319Kb / 13P
   N-channel 100 V, 153 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y19-100E NEXPERIA-BUK7Y19-100E Datasheet
730Kb / 13P
   N-channel 100 V, 19 m廓 standard level MOSFET in LFPAK56
logo
NXP Semiconductors
BUK7Y38-100E PHILIPS-BUK7Y38-100E_15 Datasheet
352Kb / 13P
   N-channel 100 V, 38 m廓 standard level MOSFET in LFPAK56
8 May 2013
BUK7Y12-100E NXP-BUK7Y12-100E Datasheet
294Kb / 13P
   N-channel 100 V, 12 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y15-100E NXP-BUK7Y15-100E Datasheet
322Kb / 13P
   N-channel 100 V, 15 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com