Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP100N08N3G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP100N08N3G
Description  N-channel, normal level
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP100N08N3G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPP100N08N3G Datasheet HTML 2Page - Infineon Technologies AG IPP100N08N3G Datasheet HTML 3Page - Infineon Technologies AG IPP100N08N3G Datasheet HTML 4Page - Infineon Technologies AG IPP100N08N3G Datasheet HTML 5Page - Infineon Technologies AG IPP100N08N3G Datasheet HTML 6Page - Infineon Technologies AG IPP100N08N3G Datasheet HTML 7Page - Infineon Technologies AG IPP100N08N3G Datasheet HTML 8Page - Infineon Technologies AG IPP100N08N3G Datasheet HTML 9Page - Infineon Technologies AG IPP100N08N3G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IPP100N08N3 G IPI100N08N3 G
IPB097N08N3 G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R 9H"[Z#4R"T V I 9     V =H .
V =H"`T#4R"T V V =H4V 9H
@1B
1=5D
5B
 I 9
11 Typ. capacitances
12 Forward characteristics of reverse diode
C
4R"V 9H V =H .  f & " J
I <4R"V H9#
@1B
1=5D
5B
 T V
`e\
YMd
0
5
10
15
20
-60
-20
20
60
100
140
180
T j [°C]
  V 
  V 
0
1
2
3
4
-60
-20
20
60
100
140
180
T j [°C]
8U__
8[__
8^__
10
4
10
3
10
2
10
1
0
20
40
60
80
V DS [V]
  T
  T
  T  =1H
  T  =1H
10
3
10
2
10
1
10
0
0
0.5
1
1.5
2
V SD [V]
+ 5F  
@175 
 


Similar Part No. - IPP100N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP100N08N3G INFINEON-IPP100N08N3G Datasheet
501Kb / 11P
   OptiMOS?? Power-Transistor Features Ideal for high frequency switching and sync. rec.
Rev. 2.2 2010-01-21
More results

Similar Description - IPP100N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com