Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER158 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HER158
Description  1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER158 Datasheet(HTML) 1 Page - Micro Commercial Components

  HER158 Datasheet HTML 1Page - Micro Commercial Components HER158 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER151
THRU
HER158
1.5 Amp High
Efficient Rectifiers
50 to 1000 Volts
Features
High Surge Current Capability
High Reliability
Low Forward Voltage Drop
High Current Capability
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
For capacitive load, derate current by 20%
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER151
---
50V
35V
50V
HER152
---
100V
70V
100V
HER153
---
200V
140V
200V
HER154
---
300V
210V
300V
HER155
---
400V
280V
400V
HER156
---
600V
420V
600V
HER157
---
800V
560V
800V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER151-154
HER155
VF
1.0V
1.3V
IFM = 1.5A;
TA = 25
°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
5.0
µA
100
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
HER151-155
HER156-158
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
HER151-155
HER156-158
CJ
50pF
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-15
www.mccsemi.com
HER156-158
1.7V
HER158
---
1000V
700V
1000V
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.8
7.6
B
.104
.140
2.6
3.6
C
.028
.034
0.71
0.86
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - HER158

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER158 WTE-HER158 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
Compact Technology Corp...
HER158 CTC-HER158 Datasheet
86Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
HER158 DAESAN-HER158 Datasheet
285Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
Nanjing International G...
HER158 DGNJDZ-HER158 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
HER158 PFS-HER158 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER158

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER151 MCC-HER151_13 Datasheet
250Kb / 3P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151_11 Datasheet
238Kb / 3P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101 Datasheet
368Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_13 Datasheet
743Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER501-DO-27 YFWDIODE-HER501-DO-27 Datasheet
326Kb / 2P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER301 YFWDIODE-HER301 Datasheet
85Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 YFWDIODE-HER501 Datasheet
102Kb / 2P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
ER3A-HT MCC-ER3A-HT_11 Datasheet
242Kb / 3P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 MCC-HER501_11 Datasheet
536Kb / 3P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com