Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER506 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HER506
Description  5.0 Amp High Efficient Rectiffiers 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER506 Datasheet(HTML) 1 Page - Micro Commercial Components

  HER506 Datasheet HTML 1Page - Micro Commercial Components HER506 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER501
THRU
HER508
5.0 Amp High
Efficient Rectifiers
50 to 1000 Volts
Features
High Surge Current Capability
High Reliability
Low Forward Voltage Drop
High Current Capability
Maximum Ratings
Operating Temperature: -65
°C to +125°C
Storage Temperature: -65
°C to +150°C
For capacitive load, derate current by 20%
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER501
---
50V
35V
50V
HER502
---
100V
70V
100V
HER503
---
200V
140V
200V
HER504
---
300V
210V
300V
HER505
---
400V
280V
400V
HER506
---
600V
420V
600V
HER507
---
800V
560V
800V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER501-504
HER505
VF
1.0V
1.3V
IFM = 5.0A;
TA = 25
°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
10
µA
200
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
HER501-505
HER506-508
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
HER501-505
HER506-508
CJ
100pF
65pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
www.mccsemi.com
HER506-508
1.7V
HER508
---
1000V
700V
1000V
DO-201AD
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - HER506

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER506 MOSPEC-HER506 Datasheet
123Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(5.0A,600-1000V)
logo
Goodwork Semiconductor ...
HER506 GWSEMI-HER506 Datasheet
69Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER506 UNIOHM-HER506 Datasheet
68Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER506 DGNJDZ-HER506 Datasheet
253Kb / 2P
   5.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
EIC discrete Semiconduc...
HER506 EIC-HER506 Datasheet
55Kb / 2P
   HIGH EFFICIENT
More results

Similar Description - HER506

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
HER501-DO-27 YFWDIODE-HER501-DO-27 Datasheet
326Kb / 2P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 YFWDIODE-HER501 Datasheet
102Kb / 2P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
HER501 MCC-HER501_11 Datasheet
536Kb / 3P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 MCC-HER501_13 Datasheet
554Kb / 3P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101 Datasheet
368Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151 Datasheet
238Kb / 2P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_13 Datasheet
743Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER301 YFWDIODE-HER301 Datasheet
85Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
ER3A-HT MCC-ER3A-HT_11 Datasheet
242Kb / 3P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com