Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1607G-D08-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1607G-D08-T
Description  6 TONES SIREN/ALARM SOUND GENERATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1607G-D08-T Datasheet(HTML) 3 Page - Unisonic Technologies

  1607G-D08-T Datasheet HTML 1Page - Unisonic Technologies 1607G-D08-T Datasheet HTML 2Page - Unisonic Technologies 1607G-D08-T Datasheet HTML 3Page - Unisonic Technologies 1607G-D08-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1607
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-041.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3 ~ 6
V
Input Voltage
VIN
-0.3 ~ VCC+0.3
V
Output Voltage
VOUT
-0.3 ~ VCC+0.3
V
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –20℃~85℃
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operating Voltage
VCC
2
3
5
V
Operating Current
IOP
300
500
uA
BZ1, BZ2 Driving Current
High
IOH
1
mA
Low
IOL
1
mA
Operating Frequency
FOP
70
110
128
kHz


Similar Part No. - 1607G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1607 UTC-1607 Datasheet
43Kb / 3P
   6 TONES SIREN/ALARM SOUND GENERATOR
logo
Welwyn Components Limit...
1607 WELWYN-1607 Datasheet
335Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
1607 ETC2-1607 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
TT Electronics.
1607 TTELEC-1607 Datasheet
907Kb / 7P
   Manufactured ROHS compliant pb-free terminations
1607 TTELEC-1607 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
More results

Similar Description - 1607G-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1617 UTC-1617 Datasheet
34Kb / 3P
   6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
   6 TONES SIREN/ALARM SOUND GENERATOR
1607 UTC-1607 Datasheet
43Kb / 3P
   6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
   6 TONES SIREN/ALARM SOUND GENERATOR
1616 UTC-1616 Datasheet
39Kb / 3P
   6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
1618 UTC-1618_12 Datasheet
162Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618 Datasheet
41Kb / 4P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_08 Datasheet
150Kb / 5P
   6 KEYS SIREN/ALARM SOUND GENERATOR
logo
Silvan Chip Electronics...
GE6065B SILVAN-GE6065B Datasheet
164Kb / 3P
   1/6 Tones Alarm Generator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com