Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7106L-D40-T Datasheet(PDF) 11 Page - Unisonic Technologies

Part # 7106L-D40-T
Description  CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106L-D40-T Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button 7106L-D40-T Datasheet HTML 7Page - Unisonic Technologies 7106L-D40-T Datasheet HTML 8Page - Unisonic Technologies 7106L-D40-T Datasheet HTML 9Page - Unisonic Technologies 7106L-D40-T Datasheet HTML 10Page - Unisonic Technologies 7106L-D40-T Datasheet HTML 11Page - Unisonic Technologies 7106L-D40-T Datasheet HTML 12Page - Unisonic Technologies 7106L-D40-T Datasheet HTML 13Page - Unisonic Technologies 7106L-D40-T Datasheet HTML 14Page - Unisonic Technologies 7106L-D40-T Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
7106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 18
www.unisonic.com.tw
QW-R502-018.E
DETAILED DESCRIPTION(Cont.)
DIGITAL SECTION
Fig.5 show the digital section for the UTC 7106, respectively. In the UTC 7106, an internal digital ground is
generated from a 6V Zener diode and a large P-Channel source follower. This supply is made stiff to absorb the
relative large capacitive currents when the back plane(BP) voltage is switched. The BP frequency is the clock
frequency divided by 800. For three readings/sec, this is a 60Hz square wave with a nominal amplitude of 5V. The
segments are driven at the same frequency and amplitude and are in phase with BP when OFF, but out of phase
when ON. In all cases negligible DC voltage exists across the segments.
LCD PHASE DRIVER
7
SEGMENT
DECODE
7
SEGMENT
DECODE
7
SEGMENT
DECODE
LATCH
1000 s
COUNTER
,
100 s
COUNTER
,
10 s
COUNTER
,
1 s
COUNTER
,
BACKPLANE
÷200
LOGIC
CONTROL
÷ 4
FROM COMPARATOR OUTPUT
* THREE INVERTERS ONE INVERTER SHOWN FOR CLARITY
CLOCK
40
39
38
OSC 1
OSC 2
OSC 3
Fig.5 Digital Section
VTH=1V
26
37
6.2V
500Ω
TEST
V-
V+
1
21
TYPICAL SEGMENT OUTPUT
SEGMENT
OUTPUT
2mA
0.5mA
V+
INTERNAL DIGITAL GROUND
INTERNAL
DIGITAL
GROUND
*
a
b
a
b
g
f
e
c
d
a
b
g
f
e
c
d
a
b
g
f
e
c
d
TO SWITCH DRIVERS


Similar Part No. - 7106L-D40-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7106L-D40-T UTC-7106L-D40-T Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
7106L-D40-T UTC-7106L-D40-T Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
More results

Similar Description - 7106L-D40-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES-R-2X01B-M ETC2-ES-R-2X01B-M Datasheet
360Kb / 20P
   Converters Manual
logo
EPCOS
B43456A4158M000 EPCOS-B43456A4158M000 Datasheet
181Kb / 9P
   Frequency converters
logo
TDK Electronics
EZA11K-320240 TDK-EZA11K-320240 Datasheet
145Kb / 1P
   Bidirectional Converters
logo
Grayhill, Inc
RS-232 GRAYHILL-RS-232 Datasheet
870Kb / 1P
   COMMUNICATION CONVERTERS
logo
Micro Electronics
MMC4049 MICRO-ELECTRONICS-MMC4049 Datasheet
106Kb / 3P
   HEXBUFFER / CONVERTERS
logo
Bel Fuse Inc.
IBX15 BEL-IBX15 Datasheet
1Mb / 11P
   Boost Converters
logo
TDK Electronics
EZA2500W-32048 TDK-EZA2500W-32048 Datasheet
139Kb / 1P
   Bidirectional Converters
logo
Ohmite Mfg. Co.
RES-EBW OHMITE-RES-EBW Datasheet
480Kb / 2P
   Frequency converters
logo
TDK Electronics
EZA2500-32048 TDK-EZA2500-32048 Datasheet
142Kb / 1P
   Bidirectional Converters
logo
EPCOS
B43564A4108M000 EPCOS-B43564A4108M000 Datasheet
191Kb / 10P
   Frequency converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com