Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7206G-QL1-Y Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M7206G-QL1-Y
Description  3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7206G-QL1-Y Datasheet(HTML) 1 Page - Unisonic Technologies

  M7206G-QL1-Y Datasheet HTML 1Page - Unisonic Technologies M7206G-QL1-Y Datasheet HTML 2Page - Unisonic Technologies M7206G-QL1-Y Datasheet HTML 3Page - Unisonic Technologies M7206G-QL1-Y Datasheet HTML 4Page - Unisonic Technologies M7206G-QL1-Y Datasheet HTML 5Page - Unisonic Technologies M7206G-QL1-Y Datasheet HTML 6Page - Unisonic Technologies M7206G-QL1-Y Datasheet HTML 7Page - Unisonic Technologies M7206G-QL1-Y Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M7206
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-Q37.A
3 1/2 LCD DISPLAY DRIVER, A/D
CONVERTERS
DESCRIPTION
The UTC M7206 is a 3 1/2 A/D converter IC with low power supply
and excellent performance, which also can greatly refrain form
interfering. The M7206 combines seven -phase decoder, display
driver, reference source, clock system and back light polarity driver, so
it can directly drive LCD. Compared with other products, the M7206
adds a new function that can detect on-off state and then alarm.
The M7206 covers high-precision, good compatibility and low-cost
in all. It can achieve auto-zero adjustment error less than 10uV, zero
drift within 1uV/°C, input current below 10pA and converter error
under 1 count.
FEATURES
* On-off state detecting and alarming
* Zero auto-adjustment, guaranteed zero reading with zero input.
* True polarity indication for precision null detection.
* Differential inputs and differential reference.
* Triplex LCD display.
* Convenient 9V battery operation
* CMOS differential inputs for high impedance and null attenuation
* Low noise and A/D converter,
* Low noise A/D converter, stable display.
* Inner clock circuit , can form astable multi-vibrator by connecting
passive electronic component.
* Optional exterior clock signal input
* Has triggered buttons that keep and low voltage alarm function that
power
* On-chip voltage reference, 60ppm/°C drift.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
M7206L-QL1-Y
M7206G-QL1-Y
LQFP-44
Tray


Similar Part No. - M7206G-QL1-Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M7206G-QL1-Y UTC-M7206G-QL1-Y Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results

Similar Description - M7206G-QL1-Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M7240 UTC-M7240 Datasheet
211Kb / 7P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
M7206 UTC-M7206 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7131 INTERSIL-HI7131_02 Datasheet
939Kb / 25P
   3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com