Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR2C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RCR2C
Description  Decoder For Remote Controller With Five Functions
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2C Datasheet(HTML) 1 Page - Unisonic Technologies

  RCR2C_15 Datasheet HTML 1Page - Unisonic Technologies RCR2C_15 Datasheet HTML 2Page - Unisonic Technologies RCR2C_15 Datasheet HTML 3Page - Unisonic Technologies RCR2C_15 Datasheet HTML 4Page - Unisonic Technologies RCR2C_15 Datasheet HTML 5Page - Unisonic Technologies RCR2C_15 Datasheet HTML 6Page - Unisonic Technologies RCR2C_15 Datasheet HTML 7Page - Unisonic Technologies RCR2C_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RCR2C
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., LTD
QW-R502-026.C
DECODER FOR REMOTE
CONTROLLER WITH FIVE
FUNCTIONS
DESCRIPTION
The UTC RCR2C can be used with the encoder UTC
RCT2E to provide a complete control functions to the
remote-controlled toy. The UTC RCR2C is the receiver. It is
provide five function keys to control forward, Backward,
Rightward,
Leftward
and
Turbo
motions.
Beside,
a
combination of these five motions can be played. And UTC
RCR2C provides the selections of Output Signal Format.
UTC RCR2C provides two high effective amplifiers and
enhancive Signal Input (SI) recognition capacity for incresing
remote control distance.
UTC RCR2C has an internal, selectable DC-DC converter
that makes the application stable, reliable under lower supply
voltage. The input voltage ranges from 0.8v ~ 3.0V, where
VOUT can be set to 3.0V. Start-up is guaranteed from 1.0V
inputs.
FEATURES
* Wide and Low operating voltage range:
1.8V ~ 5.0V(No DC-DC)
1.0V ~ 5.0V(Use DC-DC)
* 5-function output pins for control forward/ backward/ turbo/
right/ left.
* Provide two transmissive interface (RF and IR) for different
application.
* Selectable Output Signal Format through MOD pin
* Internal, Selectable DC-DC converter which need few
external components
* Provide two high effective amplifiers and enhancive signal
enput (SI) recognition capacity for very weak signal for
increasing remote control distance.
* Few external components needed and Oscillator with
an external resistor.
* Low operating current.
* Long distance Remote Control to 100M in UTC
RCT2E and UTC RCR2C pairing.
* Typical oscillator frequency:
RF: 116~140KHz.
IR: 114KHz(Carrier Frequency: 57KHz).
IR: 76KHz(Carrier Frequency: 38KHz).
ORDERING INFORMATION
Order Number
Lead Free
Halogen Free
Package
Packing
RCR2CL-D16-T
RCR2CG-D16-T
DIP-16
Tube
-
F1962G-R10-R
SSOP-10
Tape Reel
RCR2CL-D16-T
(1)Packing Type
(2)Package Type
(1) T: Tube, R: Tape Reel
(2) D16: DIP-16, R10: SSOP-10
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package


Similar Part No. - RCR2C_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results

Similar Description - RCR2C_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
   Decoder For Remote Controller With Five Functions
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
   TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
   Encoder For Remote Controller With Five Functions CMOS IC
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com