Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR2CG-D16-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # RCR2CG-D16-T
Description  Decoder For Remote Controller With Five Functions
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR2CG-D16-T Datasheet(HTML) 6 Page - Unisonic Technologies

  RCR2CG-D16-T Datasheet HTML 1Page - Unisonic Technologies RCR2CG-D16-T Datasheet HTML 2Page - Unisonic Technologies RCR2CG-D16-T Datasheet HTML 3Page - Unisonic Technologies RCR2CG-D16-T Datasheet HTML 4Page - Unisonic Technologies RCR2CG-D16-T Datasheet HTML 5Page - Unisonic Technologies RCR2CG-D16-T Datasheet HTML 6Page - Unisonic Technologies RCR2CG-D16-T Datasheet HTML 7Page - Unisonic Technologies RCR2CG-D16-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RCR2C
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-026.C
TYPICAL APPLICATION CIRCUIT
Receiver
(F
OSC =116~140 KHz)
ANTENNA
U1
UTC RCR2C
R17
300k
R15
3K
C13
202
4.7M
R12
30P
C10
R11
3K
104
C6
R5
C11
500P
3K
R4
C7
560
R3
C5
472
L1
3.3μH
3.3μF
R6
5.6K
27p
C2
Q1
C1815
C1
68p
12p
C3
L2
R7
3.3K
103
C8
C9
104
4.7M
R8
1.5K
NP
N
100μH
100μF
C12
D1
DIODE SCHOTTKY
100μF
C14
C15
0.01μF
5
1.5V
L5
Q2
8550
R1
270
R2
270
8550
Q3
C4
104
Q5
9013
R10
1K
Q4
9013
R9
1K
Q6
9013
9013
Q7
L4
L3
Electromagnetic
Power
R13
690
R14
690
Notes : 1. MOD=0(pulled low)
2. Using DC-DC converter because of lower supply voltage
3. Two grade shift gears are realized


Similar Part No. - RCR2CG-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results

Similar Description - RCR2CG-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
   Decoder For Remote Controller With Five Functions
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
   ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
   TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCT02 UTC-RCT02 Datasheet
148Kb / 11P
   Encoder For Remote Controller With Five Functions CMOS IC
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com