Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR6C Datasheet(PDF) 4 Page - Unisonic Technologies

Part # RCR6C
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR6C Datasheet(HTML) 4 Page - Unisonic Technologies

  RCR6C_15 Datasheet HTML 1Page - Unisonic Technologies RCR6C_15 Datasheet HTML 2Page - Unisonic Technologies RCR6C_15 Datasheet HTML 3Page - Unisonic Technologies RCR6C_15 Datasheet HTML 4Page - Unisonic Technologies RCR6C_15 Datasheet HTML 5Page - Unisonic Technologies RCR6C_15 Datasheet HTML 6Page - Unisonic Technologies RCR6C_15 Datasheet HTML 7Page - Unisonic Technologies RCR6C_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RCR6C
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-835.d
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
2.4~4.5
V
Input/Output Voltage
GND-0.2~ VDD+0.2
V
Operating Temperature
TOPR
-10~+60
°C
Storage Temperature
TSTG
-25~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, VDD=3.5V, FOSC=128KHz, unless otherwise specified.)
Direct Driving: No connect a resistance between POWER and IC’s VDD pin.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VOPR
2.4
4.5
V
RCR6C-A
15
RCR6C-B
0.6
Supply Current
IDD
Unload
RCR6C-C
0.5
mA
O/P Driving Current
IDRIVE
VOH=0.7V
5.0
mA
O/P Driving Current (F1, F2)
IDRIVE
VOH=0.7V
5.0
mA
Effect Decoding (Frequency Variation)
FTOLERANCE
-50
50
%
Oscillator Frequency
FOSC
128
KHz
Oscillator Frequency Tolerance
Ftolerance
UTC RCT6 FOSC=128KHz
-20
+20
%


Similar Part No. - RCR6C_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results

Similar Description - RCR6C_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCT6 UTC-RCT6 Datasheet
251Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
List of Unclassifed Man...
RX-5 ETC-RX-5 Datasheet
145Kb / 10P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Unisonic Technologies
RCR5 UTC-RCR5 Datasheet
326Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Silan Microelectronics ...
TX-6B SILAN-TX-6B Datasheet
282Kb / 11P
   TOY CAR REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RX-3 SILAN-RX-3 Datasheet
67Kb / 4P
   REMOTE CONTROLLER WITH TWO FUNCTIONS
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
SHENZHEN FUMAN ELECTRON...
SCTX6A FUMAN-SCTX6A Datasheet
246Kb / 7P
   REMOTE CONTROLLER WITH SECEN FUNCTIONS
SCTX5A FUMAN-SCTX5A Datasheet
224Kb / 7P
   REMOTE CONTROLLER WITH NINE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com