Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APHB1608LSYKSURKC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APHB1608LSYKSURKC
Description  Compatible with reflow soldering
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHB1608LSYKSURKC Datasheet(HTML) 1 Page - Kingbright Corporation

  APHB1608LSYKSURKC Datasheet HTML 1Page - Kingbright Corporation APHB1608LSYKSURKC Datasheet HTML 2Page - Kingbright Corporation APHB1608LSYKSURKC Datasheet HTML 3Page - Kingbright Corporation APHB1608LSYKSURKC Datasheet HTML 4Page - Kingbright Corporation APHB1608LSYKSURKC Datasheet HTML 5Page - Kingbright Corporation APHB1608LSYKSURKC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAO5241
REV NO: V.2A
DATE: SEP/25/2015
PAGE: 1 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: M.Liu
ERP: 1203015222
1.6x0.8x0.5mm BI-COLOR SURFACE MOUNT
LED
Part Number: APHB1608LSYKSURKC
Super Bright Yellow
Hyper Red
Features
1.6mmX0.8mm SMD LED, 0.5mm thickness.
Compatible with reflow soldering.
Available in various color combination.
Package: 2000pcs / reel .
Moisture sensitivity level : level 3.
Tinned pads for improved solderability.
Low current IF=2mA operating.
RoHS compliant.
Descriptions
The Super Bright Yellow device is made with AlGaInP (on
GaAs substrate) light emitting diode chip.
The Hyper Red source color devices are made with Al
GaInP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.15(0.006") unless otherwise noted.
3.The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APHB1608LSYKSURKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608LSYKSURKC TO-GRACE-APHB1608LSYKSURKC Datasheet
918Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results

Similar Description - APHB1608LSYKSURKC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
   Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
   Compatible with reflow soldering
APHB1608LZGKSYKC KINGBRIGHT-APHB1608LZGKSYKC Datasheet
302Kb / 6P
   Compatible with reflow soldering
APHB1608LQBDCGKC KINGBRIGHT-APHB1608LQBDCGKC Datasheet
281Kb / 6P
   Compatible with reflow soldering
APHB1608LQBDSURKC KINGBRIGHT-APHB1608LQBDSURKC Datasheet
299Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDSEKJ3C KINGBRIGHT-APHB1608LVBDSEKJ3C Datasheet
285Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDSYKJ3C KINGBRIGHT-APHB1608LVBDSYKJ3C Datasheet
290Kb / 6P
   Compatible with reflow soldering
APHB1608LVBDZGKC KINGBRIGHT-APHB1608LVBDZGKC Datasheet
303Kb / 6P
   Compatible with reflow soldering
APHB1608LZGKSURKC KINGBRIGHT-APHB1608LZGKSURKC Datasheet
280Kb / 6P
   Compatible with reflow soldering
APHB1608SYKSURKC KINGBRIGHT-APHB1608SYKSURKC Datasheet
258Kb / 6P
   Compatible with reflow soldering
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com