Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APHHS1005LQBC-D-V Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APHHS1005LQBC-D-V
Description  Low power consumption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHHS1005LQBC-D-V Datasheet(HTML) 2 Page - Kingbright Corporation

  APHHS1005LQBC-D-V Datasheet HTML 1Page - Kingbright Corporation APHHS1005LQBC-D-V Datasheet HTML 2Page - Kingbright Corporation APHHS1005LQBC-D-V Datasheet HTML 3Page - Kingbright Corporation APHHS1005LQBC-D-V Datasheet HTML 4Page - Kingbright Corporation APHHS1005LQBC-D-V Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAO4017
REV NO: V.1B
DATE: JUL/03/2015
PAGE: 2 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: F.T.Liu
ERP: 1203015122
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
3. Luminous intensity value is traceable to the CIE127-2007 compliant national standards.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Emitting Color (Material)
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APHHS1005LQBC/D-V
Blue (InGaN)
Water Clear
6
15
120
°
Iv (mcd) [2]
@ 2mA
Symbol
Parameter
Emitting Color
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Blue
460
nm
IF=2mA
λD [1]
Dominant Wavelength
Blue
465
nm
IF=2mA
Δλ1/2
Spectral Line Half-width
Blue
25
nm
IF=2mA
C
Capacitance
Blue
100
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Blue
2.65
3
V
IF=2mA
IR
Reverse Current
Blue
50
uA
VR=5V
Min.
2.2
Parameter
Values
Units
Power dissipation
90
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Electrostatic Discharge Threshold (HBM)
250
V
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
4. Excess driving current and/or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.


Similar Part No. - APHHS1005LQBC-D-V

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005LQBC-D-V TO-GRACE-APHHS1005LQBC-D-V Datasheet
772Kb / 4P
   1.0 x 0.5 mm SMD Chip LED Lamp
More results

Similar Description - APHHS1005LQBC-D-V

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com