Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXM-900-HP-II Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TXM-900-HP-II
Description  HP SERIES-II TRANSMITTER MODULE DESIGN GUIDE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TXM-900-HP-II Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TXM-900-HP-II Datasheet HTML 2Page - List of Unclassifed Manufacturers TXM-900-HP-II Datasheet HTML 3Page - List of Unclassifed Manufacturers TXM-900-HP-II Datasheet HTML 4Page - List of Unclassifed Manufacturers TXM-900-HP-II Datasheet HTML 5Page - List of Unclassifed Manufacturers TXM-900-HP-II Datasheet HTML 6Page - List of Unclassifed Manufacturers TXM-900-HP-II Datasheet HTML 7Page - List of Unclassifed Manufacturers TXM-900-HP-II Datasheet HTML 8Page - List of Unclassifed Manufacturers TXM-900-HP-II Datasheet HTML 9Page - List of Unclassifed Manufacturers TXM-900-HP-II Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Page 6
An on-board micro-controller reads the channel-selection lines and programs the
PLL to the desired channel frequency. The micro-controller also monitors the
status of the PLL and indicates when the transmitter is stable and ready to
transmit data by asserting the CTS line high.
A buffer amplifier is used to isolate the VCO from the antenna and to increase
the output power of the transmitter. The output of the buffer amplifier is connected
to a LPF which is used to suppress harmonic emissions. All harmonic
specifications are based on a 50-ohm load.
BOARD LAYOUT CONSIDERATIONS
If you are at all familiar with RF devices you may be concerned about specialized
layout requirements. Fortunately, because of the care taken by Linx in the layout
of the module’s PCB, integrating an HP Series-II transmitter into your design is
very straightforward.By adhering carefully to a few basic design and layout rules,
you can enjoy a trouble-free path to RF success.
A ground-plane (as large as possible) should be placed directly under the HP-II
transmitter. This ground-plane can also be critical to the performance of your
antenna.
The HP-II transmitter should, as much
as reasonably possible, be isolated
from all other components on your
PCB.
Specifically,
high-frequency
circuitry such as crystal oscillators
should be kept as far away as possible
from the transmitter module.
If the transmitter must be mounted
horizontally, it should be laid over so that the side with the crystal is closest to
the user’s PC board and the RF side is facing away from the PC board.
The trace from the receiver to the antenna should be kept as short as possible.
A simple trace is suitable for runs up to 1/8 inch for monopole antennas with wide
bandwidth characteristics. For longer runs or to avoid detuning a narrow
bandwidth antenna such as a helical, use a 50-ohm coax or 50-ohm microstrip
transmission line as shown in Figure 14.
Observant designers will notice that the output power of the HP Series-II is set
5-6dB above Part 15 limits (assuming the use of a unity antenna).This is done
purposefully to allow designers with less efficient antennas to achieve the
maximum output power allowed by law.
In cases where an efficient antenna
style such as a whip is utilized, it is
often necessary to make provisions for
external attenuation. This is easily
accomplished by providing pads for a
three-resistor attenuation network as
shown in fig. 13A. The inline pads may
be bridged if the network is not needed.
The resistors should be a surface-
Figure 13: HP Series-II transmitter footprint
Figure 13A: Attenuation pad layout


Similar Part No. - TXM-900-HP-II

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
398Kb / 13P
   HP3 SERIES TRANSMITTER MODULE
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
404Kb / 13P
   HP3 SERIES TRANSMITTER MODULE DATA GUIDE
TXM-900-HP3-PPS ETC2-TXM-900-HP3-PPS Datasheet
398Kb / 13P
   HP3 SERIES TRANSMITTER MODULE
TXM-900-HP3-PPS ETC2-TXM-900-HP3-PPS Datasheet
404Kb / 13P
   HP3 SERIES TRANSMITTER MODULE DATA GUIDE
TXM-900-HP3-SPO ETC2-TXM-900-HP3-SPO Datasheet
398Kb / 13P
   HP3 SERIES TRANSMITTER MODULE
More results

Similar Description - TXM-900-HP-II

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
TR-XXX-SC-P LINX-TR-XXX-SC-P Datasheet
325Kb / 20P
   SC SERIES TRANSCEIVER MODULE DESIGN GUIDE
2001
logo
List of Unclassifed Man...
TR-433-SC ETC2-TR-433-SC Datasheet
325Kb / 20P
   SC SERIES TRANSCEIVER MODULE DESIGN GUIDE
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
404Kb / 13P
   HP3 SERIES TRANSMITTER MODULE DATA GUIDE
TXM-315-LR ETC2-TXM-315-LR Datasheet
505Kb / 11P
   LR SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
TXM-315-LC LINX-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
logo
List of Unclassifed Man...
TXM-315-LC ETC2-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
logo
Linx Technologies
SC-PA LINX-SC-PA Datasheet
237Kb / 16P
   SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
10/31/01
logo
List of Unclassifed Man...
TR-916-SC-PA ETC2-TR-916-SC-PA Datasheet
237Kb / 16P
   SC-PA SERIES TRANSCEIVER MODULE DESIGN GUIDE
TR-433-SC-S ETC2-TR-433-SC-S Datasheet
370Kb / 20P
   SC-S TRANSCEIVER MODULE DESIGN GUIDE
logo
Linx Technologies
TR-XXX-SC-S LINX-TR-XXX-SC-S Datasheet
370Kb / 20P
   SC-S TRANSCEIVER MODULE DESIGN GUIDE
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com