Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXM-418-LC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TXM-418-LC
Description  LC SERIES TRANSMITTER MODULE DATA GUIDE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TXM-418-LC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TXM-418-LC Datasheet HTML 1Page - List of Unclassifed Manufacturers TXM-418-LC Datasheet HTML 2Page - List of Unclassifed Manufacturers TXM-418-LC Datasheet HTML 3Page - List of Unclassifed Manufacturers TXM-418-LC Datasheet HTML 4Page - List of Unclassifed Manufacturers TXM-418-LC Datasheet HTML 5Page - List of Unclassifed Manufacturers TXM-418-LC Datasheet HTML 6Page - List of Unclassifed Manufacturers TXM-418-LC Datasheet HTML 7Page - List of Unclassifed Manufacturers TXM-418-LC Datasheet HTML 8Page - List of Unclassifed Manufacturers TXM-418-LC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page 5
Page 4
PIN ASSIGNMENTS
GND
DATA
GND
GND
ANT
LADJ/GND
GND
VCC
1
2
3
4
5
6
7
8
Figure 8: LC Series Transmitter Pinout (Top View)
Pin #
Name
Description
1
GND
Analog Ground
2
DATA
Digital Data Input
3
GND
Analog Ground
4
LADJ/GND
Level Adjust. This line can be used to adjust the output
power level of the transmitter. Connecting to ground will
give the highest output, while placing a resistor to ground
will lower the output level (see Figure 7 on Page 3).
5
ANT
50-ohm RF Output
6
GND
Analog Ground
7
VCC
Supply Voltage
6
GND
Analog Ground
PIN DESCRIPTIONS
MODULE DESCRIPTION
The LC Series transmitter is a low-cost, high-performance Surface Acoustic
Wave (SAW) based Carrier-Present Carrier-Absent (CPCA) transmitter capable
of sending serial data at up to 5,000bps.
The LC’s compact surface-mount
package integrates easily into existing designs and is equally friendly to
prototype and volume production. The LC’s ultra-low power consumption makes
it ideally suited for battery-powered products. When combined with a Linx LC or
LR Series receiver, a reliable RF link is formed, capable of transferring data over
line-of-sight distances in excess of 300 feet (with the LC Series receiver) or up
to 3,000 feet (with the LR Series receiver).
THEORY OF OPERATION
The LC Series transmitter transmits data using Carrier-Present Carrier-Absent
(CPCA) modulation. This type of AM modulation is often referred to by other
designations, including Continuous Wave (CW) and On-Off Key (OOK). This
type of modulation represents a logic low ‘0’ by the absence of a carrier and a
logic high ‘1’ by the presence of a carrier. This method affords numerous
benefits. Three of the most important are:
1) Cost-effectiveness due to design simplicity.
2) No minimum data rate or mark / space ratio requirement.
3) Higher output power and thus greater range in countries (such as the U.S.)
where output power measurements are averaged over time. (Please refer to Linx
Application Note AN-00130).
The LC Series transmitter is based on a simple but highly optimized architecture
that achieves a high fundamental output power with low harmonic content. This
ensures that approval requirements can be met without external filter
components. The LC Series transmitter is exceptionally stable over time,
temperature, and physical shock as a result of the precision Surface Acoustic
Wave (SAW) frequency reference. Due to the accuracy of the SAW device, most
of the output power is concentrated in a narrow bandwidth. This allows the
receiver’s bandwidth to be quite narrow, thus increasing sensitivity and reducing
susceptibility to near-band interference. The quality of components and overall
architecture utilized in the LC Series is extraordinary in a low-cost RF device and
is one reason the LC transmitter is able to outperform more expensive products.
Output Isolation
& Filter
RF Amplifier
Keyed Output
Vcc
SAW
Oscillator
Data In
300-5,000bps
50
Ω RF OUT
(ANT)
Figure 9: LC Series Transmitter Block Diagram


Similar Part No. - TXM-418-LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXM-418-LC ETC2-TXM-418-LC Datasheet
368Kb / 11P
   LC SERIES TRANSMITTER MODULE
logo
Linx Technologies
TXM-418-LC LINX-TXM-418-LC Datasheet
1Mb / 17P
   TXM-315-LR Transmitter Module
2015
TXM-418-LC LINX-TXM-418-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
More results

Similar Description - TXM-418-LC

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
TXM-315-LC LINX-TXM-315-LC Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
logo
List of Unclassifed Man...
TXM-900-HP3-PPO ETC2-TXM-900-HP3-PPO Datasheet
404Kb / 13P
   HP3 SERIES TRANSMITTER MODULE DATA GUIDE
TXM-315-LR ETC2-TXM-315-LR Datasheet
505Kb / 11P
   LR SERIES TRANSMITTER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
TXM-315-LC ETC2-TXM-315-LC Datasheet
368Kb / 11P
   LC SERIES TRANSMITTER MODULE
TXM-869-ES ETC2-TXM-869-ES Datasheet
333Kb / 11P
   ES SERIES TRANSMITTER DATA GUIDE
TXE-315-KH2 ETC2-TXE-315-KH2 Datasheet
451Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA GUIDE
logo
Linx Technologies
TXE-FFF-KH2 LINX-TXE-FFF-KH2 Datasheet
559Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
9/27/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com