Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7516IYZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7516IYZ-T7
Description  600kHz/1.2MHz PWM Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7516IYZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL7516IYZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7516IYZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7516IYZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7516IYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7516IYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7516IYZ-T7 Datasheet HTML 9Page - Intersil Corporation EL7516IYZ-T7 Datasheet HTML 10Page - Intersil Corporation EL7516IYZ-T7 Datasheet HTML 11Page - Intersil Corporation EL7516IYZ-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN7333.6
October 9, 2007
Applications Information
The EL7516 is a high frequency, high efficiency boost
regulator operated at constant frequency PWM mode. The
boost converter stores energy from an input voltage source
and delivers it to a higher output voltage. The input voltage
range is 2.5V to 5.5V and the output voltage range is 5V to
18V. The switching frequency is selectable between 600KHz
and 1.2MHz, allowing smaller inductors and faster transient
response. An external compensation pin gives the user
greater flexibility in setting output transient response and
tighter load regulation. The converter soft-start characteristic
can also be controlled by external CSS capacitor. The SHDN
pin allows the user to completely shut-down the device.
Boost Converter Operations
Figure 28 shows a boost converter with all the key
components. In steady state operating and continuous
conduction mode where the inductor current is continuous,
the boost converter operates in two cycles. During the first
cycle, as shown in Figure 29, the internal power FET turns
on and the Schottky diode is reverse biased and cuts off the
current flow to the output. The output current is supplied
from the output capacitor. The voltage across the inductor is
VIN and the inductor current ramps up in a rate of VIN / L, L
is the inductance. The inductance is magnetized and energy
is stored in the inductor. The change in inductor current is:
FIGURE 25. TRANSIENT RESPONSE - 1.2MHz
FIGURE 26. TYPICAL SHDN INPUT LEVEL vs VIN
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 28. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
VIN = 3.3V
VOUT = 12V
IOUT = 50mA TO 300mA
0.1ms/DIV
200mV/DIV
0
1
2
3
4
5
3
3.5
4
4.5
5
5.5
6
VIN (V)
SHDN TURN OFF
SHDN TURN ON
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.0
0.9
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
870mW
θ
JA =
11
5°C
/W
M
SO
P8
0.8
0.5
0.7
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
486mW
θ
JA =
20
6°C
/W
M
SO
P8
0.5
ΔI
L1
Δt1
V
IN
L
---------
×
=
Δt1
D
f
SW
----------
=
D
Duty Cycle
=
ΔV
O
I
OUT
C
OUT
----------------
Δt
1
×
=
(EQ. 1)
EL7516


Similar Part No. - EL7516IYZ-T7

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EL7516IYZ-T7 IRF-EL7516IYZ-T7 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IYZ-T7 INTERSIL-EL7516IYZ-T7 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IYZ-T7 INTERSIL-EL7516IYZ-T7 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IYZ-T7 INTERSIL-EL7516IYZ-T7 Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Renesas Technology Corp
EL7516IYZ-T7 RENESAS-EL7516IYZ-T7 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - EL7516IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com