Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR12035 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MBR12035
Description  120 Amp Rectifier 20 to 100 Volts Schottky Barrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR12035 Datasheet(HTML) 3 Page - Micro Commercial Components

  MBR12035 Datasheet HTML 1Page - Micro Commercial Components MBR12035 Datasheet HTML 2Page - Micro Commercial Components MBR12035 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MBR12020 thru MBR120100
www.mccsemi.com
MCC
Instantaneous Reverse Leakage Current - MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
Figure 4
Typical Reverse Characteristics
Volts
40
60
200
100
mAmps
0 20
40
60
80
100
.1
.2
.4
.6
1.0
2.0
4.0
6.0
10
20
TJ=25
°C
400
600
1000
120
TJ=125
°C
1
100
4
0
200
400
800
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
1200
1600
2000


Similar Part No. - MBR12035

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
MBR12035 TEL-MBR12035 Datasheet
121Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
logo
Microsemi Corporation
MBR12035 MICROSEMI-MBR12035 Datasheet
117Kb / 2P
   120 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
MBR12035CT TEL-MBR12035CT Datasheet
133Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
logo
Microsemi Corporation
MBR12035CT MICROSEMI-MBR12035CT Datasheet
123Kb / 2P
   Schottky PowerMod
logo
Naina Semiconductor ltd...
MBR12035CT NAINA-MBR12035CT Datasheet
136Kb / 2P
   Silicon Schottky Diode, 120A
More results

Similar Description - MBR12035

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST12020 MCC-FST12020 Datasheet
134Kb / 3P
   120 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
   20 Amp 20 to 100 Volts Barrier Rectifier Schottky
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com