Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7673CBA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7673CBA
Description  Automatic Battery Back-Up Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7673CBA Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7673CBA Datasheet HTML 1Page - Intersil Corporation ICL7673CBA Datasheet HTML 2Page - Intersil Corporation ICL7673CBA Datasheet HTML 3Page - Intersil Corporation ICL7673CBA Datasheet HTML 4Page - Intersil Corporation ICL7673CBA Datasheet HTML 5Page - Intersil Corporation ICL7673CBA Datasheet HTML 6Page - Intersil Corporation ICL7673CBA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN3183.4
ICL7673
Automatic Battery Back-Up Switch
The Intersil ICL7673 is a monolithic CMOS battery backup
circuit that offers unique performance advantages over
conventional means of switching to a backup supply. The
ICL7673 is intended as a low-cost solution for the switching
of systems between two power supplies; main and battery
backup. The main application is keep-alive-battery power
switching for use in volatile CMOS RAM memory systems
and real time clocks. In many applications this circuit will
represent a low insertion voltage loss between the supplies
and load. This circuit features low current consumption, wide
operating voltage range, and exceptionally low leakage
between inputs. Logic outputs are provided that can be used
to indicate which supply is connected and can also be used
to increase the power switching capability of the circuit by
driving external PNP transistors.
Pinouts
ICL7673 (SOIC, PDIP)
TOP VIEW
Features
• Automatically Connects Output to the Greater of Either
Input Supply Voltage
• If Main Power to External Equipment is Lost, Circuit Will
Automatically Connect Battery Backup
• Reconnects Main Power When Restored
• Logic Indicator Signaling Status of Main Power
• Low Impedance Connection Switches
• Low Internal Power Consumption
• Wide Supply Range: . . . . . . . . . . . . . . . . . . . 2.5V to 15V
• Low Leakage Between Inputs
• External Transistors May Be Added if Very Large
Currents Need to Be Switched
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• On Board Battery Backup for Real-Time Clocks,
Timers, or Volatile RAMs
• Over/Under Voltage Detector
• Peak Voltage Detector
• Other Uses:
- Portable Instruments, Portable Telephones, Line
Operated Equipment
Functional Block Diagram
Ordering Information
PART
NUMBER
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
ICL7673CPA
0 to 70
8 Ld PDIP
E8.3
ICL7673CPAZ
(See Note)
0 to 70
8 Ld PDIP*
(Pb-free)
E8.3
ICL7673CBA
0 to 70
8 Ld SOIC (N)
M8.15
ICL7673CBA-T
8 Ld SOIC (N) Tape and Reel
M8.15
ICL7673CBAZA
(See Note)
0 to 70
8 Ld SOIC (N)
(Pb-free)
M8.15
ICL7673CBAZA-T
(See Note)
0 to 70
8 Ld SOIC (N)
(Pb-free)
M8.15
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
VO
VS
SBAR
GDN
1
2
3
4
8
7
6
5
VP
NC
PBAR
NC
P1
P2
VS
GND
PBAR
SBAR
VO
+
-
VP
VP > VS, P1 SWITCH ON AND PBAR SWITCH ON
VS > VP, P2 SWITCH ON AND SBAR SWITCH ON
Data Sheet
July 22, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 1999-2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ICL7673CBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673CBA INTERSIL-ICL7673CBA Datasheet
144Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673CBA INTERSIL-ICL7673CBA Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673CBA-T INTERSIL-ICL7673CBA-T Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673CBAZA INTERSIL-ICL7673CBAZA Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
logo
Renesas Technology Corp
ICL7673CBAZA RENESAS-ICL7673CBAZA Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
More results

Similar Description - ICL7673CBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673 INTERSIL-ICL7673_05 Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
logo
Renesas Technology Corp
ICL7673 RENESAS-ICL7673 Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
logo
Intersil Corporation
ICL7673 INTERSIL-ICL7673 Datasheet
144Kb / 7P
   Automatic Battery Back-Up Switch
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
   Battery Back-up Circuit
logo
Technology Dynamics Inc...
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-BX-BBU-12-33 TECHNOLOGY-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com