Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6116CBZA Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6116CBZA
Description  Power Distribution Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6116CBZA Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6116CBZA Datasheet HTML 5Page - Intersil Corporation ISL6116CBZA Datasheet HTML 6Page - Intersil Corporation ISL6116CBZA Datasheet HTML 7Page - Intersil Corporation ISL6116CBZA Datasheet HTML 8Page - Intersil Corporation ISL6116CBZA Datasheet HTML 9Page - Intersil Corporation ISL6116CBZA Datasheet HTML 10Page - Intersil Corporation ISL6116CBZA Datasheet HTML 11Page - Intersil Corporation ISL6116CBZA Datasheet HTML 12Page - Intersil Corporation ISL6116CBZA Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN9100.7
April 29, 2010
FIGURE 9. GATE CHARGE CURRENT
FIGURE 10. GATE DRIVE VOLTAGE, VDD = 12V
FIGURE 11. POWER-ON RESET VOLTAGE THRESHOLD
FIGURE 12. ISL6115 +12V TURN-ON
FIGURE 13. ISL6116 +5V TURN-ON
FIGURE 14. ISL6115 ‘LOW’ OVERCURRENT RESPONSE
Typical Performance Curves (Continued)
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
9.6
9.7
9.8
9.9
10.0
10.1
10.2
17.200
17.183
17.166
17.150
17.133
17.100
12.00
11.99
11.98
11.97
11.96
11.95
11.94
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
17.116
TEMPERATURE (°C)
020
30
50
80
100
10
40
60
70
90
8.0
8.5
8.1
8.2
8.3
8.4
VDD LO TO HI
VDD HI TO LO
5V/DIV 0.5A/DIV 1ms/DIV
GATE
VOUT
PWRON
IOUT
PGOOD
2V/DIV 0.5A/DIV 1ms/DIV
GATE
VOUT
PWRON
IOUT
PGOOD
5V/DIV 0.5A/DIV 1ms/DIV
CTIM
IOUT
PGOOD
VOUT
GATE
ISL6115, ISL6116, ISL6117, ISL6120


Similar Part No. - ISL6116CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6116CBZA INTERSIL-ISL6116CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6116CBZA RENESAS-ISL6116CBZA Datasheet
716Kb / 14P
   Power Distribution Controllers
More results

Similar Description - ISL6116CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com