Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6140CBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6140CBZ
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6140CBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6140CBZ Datasheet HTML 5Page - Intersil Corporation ISL6140CBZ Datasheet HTML 6Page - Intersil Corporation ISL6140CBZ Datasheet HTML 7Page - Intersil Corporation ISL6140CBZ Datasheet HTML 8Page - Intersil Corporation ISL6140CBZ Datasheet HTML 9Page - Intersil Corporation ISL6140CBZ Datasheet HTML 10Page - Intersil Corporation ISL6140CBZ Datasheet HTML 11Page - Intersil Corporation ISL6140CBZ Datasheet HTML 12Page - Intersil Corporation ISL6140CBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN9039.4
Applications: Overcurrent
Physical layout of R1 SENSE resistor is critical to avoid
the possibility of false overcurrent occurrences. Since it
is in the main input-to-output path, the traces should
be wide enough to support both the normal current,
and up to the overcurrent trip point. Ideally trace
routing between the R1 resistor and the ISL6140 and
ISL6150 (pin 4 (VEE) and pin 5 (SENSE) is direct and
as short as possible with zero current in the sense lines
(see Figure 5).
There is a short filter (3µs nominal) on the
comparator; current spikes shorter than this will be
ignored. Any longer pulse will shut down the output,
requiring the user to either power-down the system
(below the UV voltage), or pull the UV pin below its
trip point (usually with an external transistor).
If current pulses longer than the 3µs are expected, and
need to be filtered, then an additional resistor and
capacitor can be added. As shown in Figure 29, R7 and
C3 act as a low-pass filter such that the voltage on the
SENSE pin won’t rise as fast, effectively delaying the
shut-down. Since the ISL6140/ISL6150 has essentially
zero current on the SENSE pin, there is no voltage drop
or error associated with the extra resistor. R7 is
recommended to be small, 100Ω is a good value.
The delay time is approximated by the added RC time
constant, modified by a factor relative to the trip point
(see Equation 2).
where V(t) is the trip voltage (nominally 50mV); V(t0)
is the nominal voltage drop across the sense resistor
before the overcurrent condition; Vi is the voltage drop
across the sense resistor while the overcurrent is
applied.
For example: a system has a normal 1A current load,
and a 20mΩ sense resistor, for a 2.5A overcurrent. It
needs to filter out a 50µs current pulse at 5A.
Therefore:
V(t) = 50mV (from spec)
V(t0) = 20mV (V = IR = 1A*20mΩ)
Vi = 100mV (V = IR = 5A*20mΩ)
If R7 = 100Ω, then C3 is around 1µF.
Note that the FET must be rated to handle the higher
current for the longer time, since the IC is not doing
current limiting; the RC is just delaying the overcurrent
shutdown.
Applications: OV and UV
The UV and OV input pins are high impedance, so the
value of the external resistor divider is not critical with
respect to input current. Therefore, the next
consideration is total current; the resistors will always
draw current, equal to the supply voltage divided by
the total of R4 + R5 + R6; so the values should be
chosen high enough to get an acceptable current.
However, to the extent that the noise on the power
supply can be transmitted to the pins, the resistor
values might be chosen to be lower. A filter capacitor
from UV to VEE or OV to UV is a possibility, if certain
transients need to be filtered. (Note that even some
transients which will momentarily shut off the gate
might recover fast enough such that the gate or the
output current does not even see the interruption).
Finally, take into account whether the resistor values
are readily available, or need to be custom ordered.
Tolerances of 1% are recommended for accuracy. Note
that for a typical 48V system (with a 36V to 72V
range), the 36V or 72V is being divided down to
1.223V, a significant scaling factor. For UV, the ratio is
roughly 30x; every 3mV change on the UV pin
represents roughly 0.1V change of power supply
voltage. Conversely, an error of 3mV (due to the
resistors, for example) results in an error of 0.1V for
the supply trip point. The OV ratio is around 60. So the
accuracy of the resistors comes into play.
The hysteresis of the comparators (20mV nominal)
is also multiplied by the scale factor of 30 for the UV
pin (30 * 20mV = 0.6V of hysteresis at the power
supply) and 60 for the OV pin (60*20mV = 1.2V of
hysteresis at the power supply).
With the three resistors, the UV equation is based on
the simple resistor divider:
1.223 = VUV*(R5 + R6)/(R4 + R5 + R6) or
VUV = 1.223 (R4 + R5 + R6)/(R5 + R6)
Similarly, for OV:
1.223 = VOV*(R6)/(R4 + R5 + R6) or
VOV = 1.223 (R4 + R5 + R6)/(R6)
Note that there are two equations, but 3 unknowns.
Because of the scale factor, R4 has to be much bigger
than the other two; chose its value first, to set the
current (for example, 50V/500kΩ draws 100µA), and
then the other two will be in the 10kΩ range. Solve the
two equations for two unknowns. Note that some
iteration may be necessary to select values that meet
CORRECT
TO SENSE
CURRENT
SENSE RESISTOR
INCORRECT
AND VEE
FIGURE 5. SENSE RESISTOR
t
R*C*In [1 - (V(t) - V(t0)) Vi Vt0
()
()
]
=
(EQ. 2)
ISL6140, ISL6150


Similar Part No. - ISL6140CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6140CBZ RENESAS-ISL6140CBZ Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6140CBZ-T INTERSIL-ISL6140CBZ-T Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ-T INTERSIL-ISL6140CBZ-T Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
More results

Similar Description - ISL6140CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com