Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6151CBZA Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6151CBZA
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6151CBZA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6151CBZA Datasheet HTML 7Page - Intersil Corporation ISL6151CBZA Datasheet HTML 8Page - Intersil Corporation ISL6151CBZA Datasheet HTML 9Page - Intersil Corporation ISL6151CBZA Datasheet HTML 10Page - Intersil Corporation ISL6151CBZA Datasheet HTML 11Page - Intersil Corporation ISL6151CBZA Datasheet HTML 12Page - Intersil Corporation ISL6151CBZA Datasheet HTML 13Page - Intersil Corporation ISL6151CBZA Datasheet HTML 14Page - Intersil Corporation ISL6151CBZA Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Applications Information
Typical Values for a representative system; which
assumes:
• 43V to 71V supply range; 48 nominal; UV = 43V;
OV = 71V
• 1Amp of typical current draw; 2.5 Amp Over-Current
• 100
µF of load capacitance (CL); equivalent RL of 48Ω
(R = V/I = 48V/1A)
R1: 0.02
Ω (1%)
R2: 10
Ω (5%)
R3: 18k
Ω (5%)
R4: 549k
Ω (1%)
R5: 6.49k
Ω (1%)
R6: 10k
Ω (1%)
C1: 150nF (25V)
C2: 3.3nF (100V)
Q1: IRF530 (100V, 17A, 0.11
Ω)
Quick Guide to Choosing Component
Values
(See fig 23 for reference)
This section will describe the minimum components needed
for a typical application, and will show how to select
component values. (Note that “typical” values may only be
good for this application; the user may have to select
alternate component values to optimize performance for
other applications). Each block will then have more detailed
explanation of how the device works, and alternatives.
R4, R5, R6 - together set the Under-Voltage (UV) and Over-
Voltage (OV) trip points. When the power supply ramps up
and down, these trip points (and their hysteresis) will
determine when the GATE is allowed to turn on and off (UV
and OV do not control the PWRGD / PWRGD output). The
input power supply is divided down such that when the
voltage on the OV pin is below its threshold and the UV pin is
above its threshold their comparators will be in the proper
state signaling the supply is within its desired range, allowing
the GATE to turn on. The equations below define the
comparator thresholds for an increasing (in magnitude)
supply voltage.
The values of R4 = 549K, R5 = 6.49K, and R6 = 10K shown
in figure 23 set the Under-Voltage turn-on threshold to 43V,
and the Over-Voltage turn off threshold to 71V. The Under-
Voltage (UV) comparator has a hysteresis of 135mV (4.6V of
hysteresis on the supply) which correlates to a 38.4V turn off
voltage. The Over-Voltage comparator has a 25mV
hysteresis which translates to a turn on voltage (supply
decreasing) of approximately 69.6V.
Q1 - is the FET that connects the input supply voltage to the
output load, when properly enabled. It needs to be selected
based on several criteria:
• Maximum voltage expected on the input supply (including
transients) as well as transients on the output side.
• Maximum current and power dissipation expected during
normal operation, usually at a level just below the current
limit threshold.
• Power dissipation and/or safe-operating-area
considerations during current limiting and single retry
events.
• Other considerations include the GATE voltage threshold
which affects the rDS(ON) (which in turn, affects the
voltage drop across the FET during normal operation),
and the maximum GATE voltage allowed (the ICs GATE
output is clamped to ~14V).
ISL6141
VDD
UV
OV
VEE
SENSE
GATE
DRAIN
PWRGD
R4
R5
R6
R1
R2
R3
C2
C1
Q1
CL
GND
-48V IN
-48V OUT
RL
(LOAD)
FIGURE 23. TYPICAL APPLICATION WITH MINIMUM COMPONENTS
V
UV
R
4
R
5
R
6
++
〈〉
R
5
R
6
+
()
-----------------------------------------
1.255
×
=
(EQ. 1)
V
OV
R
4
R
5
R
6
++
〈〉
R
6
()
-----------------------------------------
1.255
×
=
(EQ. 2)
ISL6141, ISL6151


Similar Part No. - ISL6151CBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6151CBZA INTERSIL-ISL6151CBZA Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
logo
Renesas Technology Corp
ISL6151CBZA RENESAS-ISL6151CBZA Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6151CBZA-T INTERSIL-ISL6151CBZA-T Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
More results

Similar Description - ISL6151CBZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com