Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6150CBZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6150CBZ-T
Description  Negative Voltage Hot Plug Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6150CBZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6150CBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6150CBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6150CBZ-T Datasheet HTML 9Page - Intersil Corporation ISL6150CBZ-T Datasheet HTML 10Page - Intersil Corporation ISL6150CBZ-T Datasheet HTML 11Page - Intersil Corporation ISL6150CBZ-T Datasheet HTML 12Page - Intersil Corporation ISL6150CBZ-T Datasheet HTML 13Page - Intersil Corporation ISL6150CBZ-T Datasheet HTML 14Page - Intersil Corporation ISL6150CBZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN9039.4
ISL6150 (H version; Figure 9): Under normal
conditions (DRAIN < VPG), the Q3 DMOS will be on,
shorting the bottom of the internal resistor to VEE, and
turning Q2 off. If the pull-up current from the external
module is high enough, the voltage drop across the
6.2kΩ resistor will look like a logic high (relative to
DRAIN). Note that the module is only referenced to
DRAIN, not VEE (but under normal conditions, the FET
is on, and the DRAIN and VEE are almost the same
voltage).
When the DRAIN voltage is high compared to VPG, Q3
DMOS turns off, and the resistor and Q2 clamp the
PWRGD pin to one diode drop (~0.7V) above the
DRAIN pin. This should be able to pull low against the
module pull-up current, and disable the module.
Applications: GATE Pin
To help protect the external FET, the output of the
GATE pin is internally clamped; up to an 80V supply, it
will not be any higher than 15V (nominal 14V). From
about 18V down to 10V, the GATE voltage will be
around 4V below the supply voltage; at 10V supply, the
minimum GATE voltage is 5.4V (worst case is at
-40°C).
Applications: Optional
Components
In addition to the typical application, and the variations
already mentioned, there are a few other possible
components that might be used in specific cases. See
Figure 29 for some possibilities.
If the input power supply exceeds the 100V absolute
maximum rating, even for a short transient, that could
cause permanent damage to the IC, as well as other
components on the board. If this cannot be
guaranteed, a voltage suppressor (such as the
SMAT70A, D1) is recommended. When placed from
VDD to VEE on the board, it will clamp the voltage.
If transients on the input power supply occur when the
supply is near either the OV or UV trip points, the GATE
could turn on or off momentarily. One possible solution
is to add a filter cap C4 to the VDD pin, through
isolation resistor R10. A large value of R10 is better for
the filtering, but be aware of the voltage drop across it.
For example, a 1kΩ resistor, with 1mA of IDD would
have 1V across it and dissipate 1mW. Since the UV and
OV comparators are referenced with respect to the VEE
supply, they should not be affected. But the GATE
clamp voltage could be offset by the voltage across the
extra resistor.
If there are negative transients on the DRAIN pin,
blocking diodes may help limit the amount of current
injected into the IC substrate. General purpose diodes
(such as 1N4148) may be used. Note that the ISL6140
(L version) requires one diode, while the ISL6150
(H version) requires two diodes. One consequence of
the added diodes it that the VPG voltage is offset by
each diode drop.
The switch SW1 is shown as a simple pushbutton. It
can be replaced by an active switch, such as an NPN or
NFET; the principle is the same; pull the UV node below
its trip point, and then release it (toggle low). To
connect an NFET, for example, the drain goes to UV;
the source to VEE, and the gate is the input; if it goes
high (relative to VEE), it turns the NFET on, and UV is
pulled low. Just make sure the NFET resistance is low
compared to the resistor divider, so that it has no
problem pulling down against it.
R8 is a pull-up resistor for PWRGD, if there is no other
component acting as a pull-up device. The value of R8
is determined by how much current you want when
pulled low (also affected by the VDD voltage); and you
want to pull it low enough for a good logic low level. An
LED can also be placed in series with R8, if desired. In
that case, the criteria is the LED brightness versus
current.
R7 and C3 are used to delay the overcurrent shutdown,
as described in the OV and UV section.
Applications: “Brick”
Regulators
One of the typical loads used are DC/DC regulators,
some commonly known as “brick” regulators, (partly
due to their shape, and because it can be considered a
“building block” of a system). For a given input voltage
range, there are usually whole families of different
output voltages and current ranges. There are also
various standardized sizes and pinouts, starting with
the original “full” brick, and since getting smaller
(half-bricks and quarter-bricks are now common).
Other common features may include: all components
(except some filter capacitors) are self-contained in a
molded plastic package; external pins for connections;
and often an ENABLE input pin to turn it on or off. A hot
plug IC, such as the ISL6140, is often used to gate
power to a brick, as well as turn it on.
Many bricks have both logic polarities available (Enable
Hi or Lo input); select the ISL6140 (L version) and
ISL6150 (H version) to match. There is little difference
between them, although the L version output is usually
simpler to interface.
+
-
VEE
VPG
PWRGD
DRAIN
VDD
+
VIN+
VIN-
ON/OFF
VOUT+
VOUT-
CL
Q3
Q2
RPG
6.2k
ACTIVE HIGH
ENABLE
MODULE
(SECTION OF) ISL6150
(H VERSION)
FIGURE 9. ACTIVE HIGH ENABLE MODULE
(1.7V)
ISL6140, ISL6150


Similar Part No. - ISL6150CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6150CBZ-T INTERSIL-ISL6150CBZ-T Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6150CBZ-T INTERSIL-ISL6150CBZ-T Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6150CBZ-T RENESAS-ISL6150CBZ-T Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
More results

Similar Description - ISL6150CBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com