Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6173EVAL3 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6173EVAL3
Description  Dual Low Voltage Hot Swap Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6173EVAL3 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6173EVAL3 Datasheet HTML 6Page - Intersil Corporation ISL6173EVAL3 Datasheet HTML 7Page - Intersil Corporation ISL6173EVAL3 Datasheet HTML 8Page - Intersil Corporation ISL6173EVAL3 Datasheet HTML 9Page - Intersil Corporation ISL6173EVAL3 Datasheet HTML 10Page - Intersil Corporation ISL6173EVAL3 Datasheet HTML 11Page - Intersil Corporation ISL6173EVAL3 Datasheet HTML 12Page - Intersil Corporation ISL6173EVAL3 Datasheet HTML 13Page - Intersil Corporation ISL6173EVAL3 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN9186.3
January 3, 2006
automatically retries to turn on the MOSFET after a wait
period, during which CT is charged and discharged 64 times
and the retry attempt takes place on the 65th time. This wait
period allows the MOSFET junction to cool down.
2. Way Overcurrent (WOC) Mode - This mode is designed
to handle very fast, very low impedance shorts on the load
side, which can result in very high di/dt. Typically, the current
limit set for this mode is 300% of the current regulation limit.
This mode uses a very fast comparator, which directly looks
at the voltage drop across RSNS and pulls the gate very
quickly to GND (as shown in Figure 14) and immediately
releases it. If the WOC is still present, the IC enters current
regulation mode and the rest of the current regulation
behavior follows as described earlier in undercurrent
regulation mode.
Additionally, as shown in the block diagram, there is also an
“OC comparator”, which also looks at the Rsense voltage
drop. When this drop exceeds the Current Limit set point, it
triggers the timeout circuit, which starts ticking and CTx is
allowed to charge. If the current limit condition remains in
effect until after the time-out period expires (CTx voltage
exceeding 1.178V), the gate of the MOSFET is pulled down,
the SSx capacitor is discharged, FLT is asserted and a new
SS sequence is allowed to begin after ENx recycle or by
keeping the RTR/LTCH pin pulled low.
The voltage on OCREF pin is the same as the internal band-
gap reference voltage, which is 1.178V (nominal). A resistor
to GND from this pin sets the reference current (and hence
the reference voltage) for the current limit amplifier and
OC/WOC comparators. The current regulation (CR) duration
is set by the capacitor on CT pin to GND. Once the voltage
on this pin reaches 1.178V, the CR duration expires. Fault
(FLT) pin goes active (pulls low), signaling the load of a fault
condition and the gate (GT) pin gets pulled low.
Retry vs Latched Fault Operational Modes:
RTR/LTCH pin dictates the IC behavior after the gate (GT)
pin pulls down following OC timeout expiration. If the
RTR/LTCH pin is left floating, the gate pin will remain latched
off. It can only be released by de-asserting and reasserting
the enable (EN) input. If RTR/LTCH pin is pulled to GND,
then the Retry mode will be activated. In this mode the IC will
automatically attempt to turn-on the MOSFET after a delay,
determined by the capacitor on CT pin. In the Retry mode,
the internal logic charges and discharges the CT cap 64
times during “wait” period. On the 65th time, the FLT output
clears during retry attempt. If the overcurrent condition
persists after the soft-start, the CT pin will again start
charging and the process repeats.
Bias and Charge Pump Voltages:
The BIAS pin feeds the chip bias voltage directly to the first
of the two internal charge pumps, which are cascaded. The
output of the first charge pump, in addition to feeding the
second charge pump, is accessible on the CPVDD pin. The
voltage on the CPVDD pin is approximately 5V. It also
provides power to the POR and band-gap circuitry as shown
in the block diagram. A capacitor connected externally
across CPQ+ and CPQ- pins of the IC is the “flying” cap for
the charge-pump.
The second charge-pump is used exclusively to drive the
gates of the MOSFETs through the 24µA current sources,
one for each channel. The output of this charge pump is
approximately 10V as shown in the block diagram.
Tracking
Q
Rsns
3K
Rset
-
+
Io
Iset
Vin
Vo
+
-
+
-
ISL6173
25
WOC
COMPARATOR
GATE
PULLDOWN
CURRENT
FIGURE 14. WOC OPERATION
CH1: VO1, CH2: VO2, T = 2ms/DIV, CSS = 0.066µF
FIGURE 15. TRACKING MODE WAVEFORMS
ISL6173


Similar Part No. - ISL6173EVAL3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6173EVAL3 INTERSIL-ISL6173EVAL3 Datasheet
452Kb / 20P
   Dual Low Voltage Hot Swap Controller
ISL6173EVAL3 INTERSIL-ISL6173EVAL3 Datasheet
460Kb / 20P
   Dual Low Voltage Hot Swap Controller
logo
Renesas Technology Corp
ISL6173EVAL3 RENESAS-ISL6173EVAL3 Datasheet
839Kb / 20P
   Dual Low Voltage Hot Swap Controller
More results

Similar Description - ISL6173EVAL3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6173 INTERSIL-ISL6173_06 Datasheet
460Kb / 20P
   Dual Low Voltage Hot Swap Controller
logo
Renesas Technology Corp
ISL6173 RENESAS-ISL6173 Datasheet
839Kb / 20P
   Dual Low Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6172 INTERSIL-ISL6172 Datasheet
412Kb / 15P
   Dual Low Voltage Hot Swap Controller
June 2004
ISL6173 INTERSIL-ISL6173 Datasheet
452Kb / 20P
   Dual Low Voltage Hot Swap Controller
logo
Linear Technology
LTC4224-2 LINER-LTC4224-2_15 Datasheet
225Kb / 16P
   Compact Dual Low Voltage Hot Swap Controller
LTC4224-1 LINER-LTC4224-1_15 Datasheet
225Kb / 16P
   Compact Dual Low Voltage Hot Swap Controller
LTC4224-1 LINER-LTC4224-1 Datasheet
214Kb / 16P
   Compact Dual Low Voltage Hot Swap Controller
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
   Hot Swap Voltage Controller
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com