Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6217ACVZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6217ACVZ
Description  Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6217ACVZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6217ACVZ Datasheet HTML 7Page - Intersil Corporation ISL6217ACVZ Datasheet HTML 8Page - Intersil Corporation ISL6217ACVZ Datasheet HTML 9Page - Intersil Corporation ISL6217ACVZ Datasheet HTML 10Page - Intersil Corporation ISL6217ACVZ Datasheet HTML 11Page - Intersil Corporation ISL6217ACVZ Datasheet HTML 12Page - Intersil Corporation ISL6217ACVZ Datasheet HTML 13Page - Intersil Corporation ISL6217ACVZ Datasheet HTML 14Page - Intersil Corporation ISL6217ACVZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN9107.3
June 30, 2005
Active, Deep Sleep and Deeper Sleep Modes
The ISL6217A Multi-Phase Controller is designed to control
the CORE output voltage as per the IMVP-IV™ and
IMVP-IV+™ specifications for Active, Deep Sleep, and
Deeper Sleep Modes of Operation.
After initial Start-up, a logic high signal on DSEN# and a
logic low signal on DRSEN signals the ISL6217A to operate
in Active mode. Refer to Table 2. This mode will recognize
VID code changes and regulate the output voltage to these
command voltages.
TABLE 2. OUTPUT VOLTAGE AS A FUNCTION OF DSEN#
AND DRSEN LOGIC STATES
DSEN# -
STP_CPU#
DRSEN -
DPRSLPVR
MODE OF
OPERATION
OUTPUT
VOLTAGE
1
0
Active
VID
0
0
Deep Sleep
DSV
0
1
Deeper Sleep
DRSV
1
1
Deeper Sleep
DRSV
FIGURE 5. PLOT SHOWING TIMING OF VID CODE CHANGES AND CORE VOLTAGE SLEWING AS WELL AS PGOOD MASKING
FIGURE 6. VCORE RESPONSE FOR DEEPER SLEEP COMMAND
FIGURE 7. VCORE RESPONSE FOR DEEPER SLEEP COMMAND
VID[0..5]
New VID Code
Current VID Code
Current Voltage Level
New Voltage Level
V
CC_CORE
PGOOD
<600ns
HIGH
VID[0..5]
VID Code remains the same
V
CC_CORE
<30us
STP_CPU#
(DSEN#)
V
Deep Sleep
VID Command Voltage
VID[0..5]
VID Code remains the same
V
CC_CORE
STP_CPU#
(DSEN#)
V
Deeper Sleep
DPRSLPVR
(DRSEN)
Deeper Sleep Mode
Short DPRSLP causes
V
CC-CORE to ramp up
V
Deep Sleep
ISL6217A


Similar Part No. - ISL6217ACVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217ACVZ INTERSIL-ISL6217ACVZ Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Renesas Technology Corp
ISL6217ACVZ RENESAS-ISL6217ACVZ Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217ACVZ-T INTERSIL-ISL6217ACVZ-T Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Renesas Technology Corp
ISL6217ACVZ-T RENESAS-ISL6217ACVZ-T Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217ACVZA INTERSIL-ISL6217ACVZA Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
More results

Similar Description - ISL6217ACVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com