Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61851GCBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL61851GCBZ
Description  Dual USB Port Power Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61851GCBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL61851GCBZ Datasheet HTML 1Page - Intersil Corporation ISL61851GCBZ Datasheet HTML 2Page - Intersil Corporation ISL61851GCBZ Datasheet HTML 3Page - Intersil Corporation ISL61851GCBZ Datasheet HTML 4Page - Intersil Corporation ISL61851GCBZ Datasheet HTML 5Page - Intersil Corporation ISL61851GCBZ Datasheet HTML 6Page - Intersil Corporation ISL61851GCBZ Datasheet HTML 7Page - Intersil Corporation ISL61851GCBZ Datasheet HTML 8Page - Intersil Corporation ISL61851GCBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ISL6185
5
FN6937.3
March 8, 2012
Pin Configurations
ISL6185
(8 LD SOIC/DFN)
TOP VIEW
ISL6185
(10 LD DFN)
TOP VIEW
1
2
3
4
8
7
6
5
VIN
OUT1
OUT2
FLT1
FLT2
GND
(GND)
EPAD
DFN Only
EN1/EN1
EN2/EN2
1
2
3
4
10
9
8
7
VIN
OUT1
OUT2
FLT1
FLT2
GND
(GND)
EPAD
5
6
VIN
NC
EN1/EN1
EN2/EN2
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
8 Ld
SOIC/DFN
10 Ld DFN
1
1
GND
IC ground reference.
2
2, 3
VIN
Chip bias, Controlled Voltage Input, Undervoltage Lock Out (UVLO). VIN provides chip bias voltage. At
VIN < 1.7V chip functionality is disabled, FLT is active and floating, and OUT is held low. Range 0V to
5.5V.
3,
4
4,
5
EN1, EN1/
EN2, EN2
Enable/Disable inputs, Active high (EN) and active low (EN) options enable the power switch. These
inputs have internal 1M
Ω pull-off resistors. Range 0V to VIN.
5,
8
6,
10
FLT2
FLT1
Overcurrent Fault Indicator. FLT floats and is disabled until VIN >VUVLO. This output is pulled low after
the current limit time-out period has expired. Fault is not signaled due to over-temperature shut down.
Range 0V to VIN.
6,
7
7,
9
OUT2,
OUT1
Controlled Supply Output. Upon an OC condition, IOUT is current limited. Current limit response time is
within 200µs. This output remains in current limit for a nominal 12ms before being turned off either for
the latch or auto retry versions. Range 0V to VIN.
-
8
NC
This pin is not electrically connected internally.
PD
(DFN only)
PD
EPAD
Thermal Dissipation Exposed PAD Range: Connect to GND.


Similar Part No. - ISL61851GCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61851GCBZ INTERSIL-ISL61851GCBZ Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
ISL61851GCBZ INTERSIL-ISL61851GCBZ Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
logo
Renesas Technology Corp
ISL61851GCBZ RENESAS-ISL61851GCBZ Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
More results

Similar Description - ISL61851GCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com