Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61851LCBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL61851LCBZ
Description  Dual USB Port Power Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61851LCBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL61851LCBZ Datasheet HTML 1Page - Intersil Corporation ISL61851LCBZ Datasheet HTML 2Page - Intersil Corporation ISL61851LCBZ Datasheet HTML 3Page - Intersil Corporation ISL61851LCBZ Datasheet HTML 4Page - Intersil Corporation ISL61851LCBZ Datasheet HTML 5Page - Intersil Corporation ISL61851LCBZ Datasheet HTML 6Page - Intersil Corporation ISL61851LCBZ Datasheet HTML 7Page - Intersil Corporation ISL61851LCBZ Datasheet HTML 8Page - Intersil Corporation ISL61851LCBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL6185
2
FN6937.3
March 8, 2012
Simplified Block Diagram
GND
VIN
EN_1
EN_2
FAULT_2
OUT_2
OUT_1
FAULT_1
POR
CHANNEL 1 LIKE CHANNEL 2
-V
comp
+
-
CURRENT AND TEMP.
MONITORING, GATE,
DELAY & OUTPUT CONTROL
LOGIC
Ordering Information
PART
NUMBER
(Notes 1, 2, 3)
PART MARKING
EN/EN
INPUT
VIN = 5V
MAXIMUM
CONTINUOUS IOUT
(A)
LATCH/AUTO
RETRY
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL61851ACBZ
61851A CBZ
EN
0.6
LATCH
0 to +70
8 Lead SOIC
M8.15
ISL61851BCBZ
61851B CBZ
EN
0.6
RETRY
0 to +70
8 Lead SOIC
M8.15
ISL61851CCBZ
61851C CBZ
EN
1.1
LATCH
0 to +70
8 Lead SOIC
M8.15
ISL61851DCBZ
61851D CBZ
EN
1.1
RETRY
0 to +70
8 Lead SOIC
M8.15
ISL61851ECBZ
61851E CBZ
EN
0.6
LATCH
0 to +70
8 Lead SOIC
M8.15
ISL61851FCBZ
61851F CBZ
EN
0.6
RETRY
0 to +70
8 Lead SOIC
M8.15
ISL61851GCBZ
61851G CBZ
EN
1.1
LATCH
0 to +70
8 Lead SOIC
M8.15
ISL61851HCBZ
61851H CBZ
EN
1.1
RETRY
0 to +70
8 Lead SOIC
M8.15
ISL61851ICBZ
61851I CBZ
EN
1.5
LATCH
0 to +70
8 Lead SOIC
M8.15
ISL61851JCBZ
61851J CBZ
EN
1.5
RETRY
0 to +70
8 Lead SOIC
M8.15
ISL61851KCBZ
61851K CBZ
EN
1.5
LATCH
0 to +70
8 Lead SOIC
M8.15
ISL61851LCBZ
61851L CBZ
EN
1.5
RETRY
0 to +70
8 Lead SOIC
M8.15
ISL61852ACRZ
52AC
EN
0.6
LATCH
0 to +70
8 Lead DFN
L8.3x3J
ISL61852BCRZ
52BC
EN
0.6
RETRY
0 to +70
8 Lead DFN
L8.3x3J
ISL61852CCRZ
52CC
EN
1.1
LATCH
0 to +70
8 Lead DFN
L8.3x3J
ISL61852DCRZ
52DC
EN
1.1
RETRY
0 to +70
8 Lead DFN
L8.3x3J
ISL61852ECRZ
52EC
EN
0.6
LATCH
0 to +70
8 Lead DFN
L8.3x3J


Similar Part No. - ISL61851LCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61851LCBZ INTERSIL-ISL61851LCBZ Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
ISL61851LCBZ INTERSIL-ISL61851LCBZ Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
logo
Renesas Technology Corp
ISL61851LCBZ RENESAS-ISL61851LCBZ Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
More results

Similar Description - ISL61851LCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com