Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL61852DCRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL61852DCRZ
Description  Dual USB Port Power Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61852DCRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL61852DCRZ Datasheet HTML 4Page - Intersil Corporation ISL61852DCRZ Datasheet HTML 5Page - Intersil Corporation ISL61852DCRZ Datasheet HTML 6Page - Intersil Corporation ISL61852DCRZ Datasheet HTML 7Page - Intersil Corporation ISL61852DCRZ Datasheet HTML 8Page - Intersil Corporation ISL61852DCRZ Datasheet HTML 9Page - Intersil Corporation ISL61852DCRZ Datasheet HTML 10Page - Intersil Corporation ISL61852DCRZ Datasheet HTML 11Page - Intersil Corporation ISL61852DCRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ISL6185
8
FN6937.3
March 8, 2012
Isc_2
Short Circuit Current, VIN = 2.5V
ISL6185xA,B,E,F, VOUT = 0V
-
0.61
A
Isc_2
ISL6185xC,D,G,H, VOUT = 0V
-
1.06
-
A
Isc_2
ISL6185xI,J,K,L, VOUT = 0V
-
1.30
-
A
Isc_2
ISL61853M,N,O,P, VOUT = 0V
-
1.39
-
A
Isc_5.5
Short Circuit Current, VIN = 5.5V
All ISL6185X Variants
--
2.5
A
tsettIlim
OC to Limit Settling Time
VIN/RL = 2ILIM, CL = 10µF to within 10% of ILIM
-200
-
µs
tsettIlim_sev
Severe OC to Limit Settling Time
VIN/RL = 4ILIM, CL = 10µF to within 10% of ILIM
-30
-
µs
tCL
Current Limit Duration
IOUT = ILIM
9.2
12
15
ms
tRTY
Automatic Retry Period
0.80
1
1.35
s
I/O PARAMETERS
Vfault_lo
Fault Output Voltage
Fault IOUT = 10mA
-
-
0.4
V
Ifault
Fault Leakage
-5
-
µA
Venr_5
EN / EN Rising Threshold
VIN = 5V
1.5
1.8
2
V
Hys_Venr_5
EN / EN Rising Threshold Hysteresis
VIN = 5V
80
140
175
mV
Venr_3
EN / EN Rising Threshold
VIN = 3.3V
1.0
1.3
1.6
V
Hys_Venr_3
EN / EN Rising Threshold Hysteresis
VIN = 3.3V
58
80
120
mV
Venr_2
EN / EN Rising Threshold
VIN = 2.5V
0.95
1.1
1.3
V
Hys_Venr_2
EN / EN Rising Threshold Hysteresis
VIN = 2.5V
30
70
110
mV
Ren_h
ENABLE Pull-Down Resistor
Enable asserted high options
0.6
1
1.55
M
Ω
Ren_l
ENABLE Pull-Up Resistor
Enable asserted low options
0.6
1
1.55
M
Ω
tON
Enable to Output Turn-on Time
RL = 10Ω, CL = 10µF, Enable 50% to Output 90%
-
0.1
-
ms
tOFF
Enable to Output Turn-off Time
RL = 10Ω, CL = 10µF, Enable 50% to Output 10%
-
0.25
-
ms
BIAS PARAMETERS
IVDD
Enabled VIN Current
Switches Closed, OUTPUT = OPEN
50
75
µA
IVDD
Disabled VIN Current
Switches Open, OUTPUT = OPEN
-
2
5
µA
VUVLO
Rising POR Threshold
VIN Rising to functional operation
1.7
2.1
2.3
V
IVR
Reverse Blocking Leakage Current
VIN = 0V, VOUT = 5V
-
2
µA
Temp_dis
Over-Temperature Disable
-
150
-
°C
Temp_hys
Over-Temperature Hysteresis
-
20
-
°C
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VIN = 5V, TA = TJ, Unless Otherwise Specified. Boldface limits apply over the operating temperature
range, 0°C to +75°C or -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS


Similar Part No. - ISL61852DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61852DCRZ INTERSIL-ISL61852DCRZ Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
ISL61852DCRZ INTERSIL-ISL61852DCRZ Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
logo
Renesas Technology Corp
ISL61852DCRZ RENESAS-ISL61852DCRZ Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
More results

Similar Description - ISL61852DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com