Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1EDI2001AS Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # 1EDI2001AS
Description  Single Channel Isolated Driver for Inverter Systems AD Step
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1EDI2001AS Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button 1EDI2001AS Datasheet HTML 6Page - Infineon Technologies AG 1EDI2001AS Datasheet HTML 7Page - Infineon Technologies AG 1EDI2001AS Datasheet HTML 8Page - Infineon Technologies AG 1EDI2001AS Datasheet HTML 9Page - Infineon Technologies AG 1EDI2001AS Datasheet HTML 10Page - Infineon Technologies AG 1EDI2001AS Datasheet HTML 11Page - Infineon Technologies AG 1EDI2001AS Datasheet HTML 12Page - Infineon Technologies AG 1EDI2001AS Datasheet HTML 13Page - Infineon Technologies AG 1EDI2001AS Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 135 page
background image
EiceDRIVER
™ SIL
1EDI2001AS
List of Tables
Datasheet
10
Rev. 3.1, 2015-07-30
Hardware Description
Table 5-12 Electrical Characteristics for Pins: TON, TOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
Table 5-13 Electrical Characteristics for Pins: OSD, DEBUG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
Table 5-14 Electrical Characteristics for Pin: NUV2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126
Table 5-15 Electrical Characteristics for Pins: DACLP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126
Table 5-16 Electrical Characteristics for Pin: VREG. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126
Table 5-17 Switching Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
Table 5-18 DESAT characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129
Table 5-19 OCP characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129
Table 5-20 Over temperature Warning Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130
Table 5-21 Error Detection Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 131
Table 5-22 SPI Interface Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 132
Table 5-23 Isolation Characteristics referring to DIN EN 60747-5-2 (VDE 0884 - 2):2003-01 . . . . . . . . . . . . 133
Table 5-24 Isolation Characteristics referring to UL 1577. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133


Similar Part No. - 1EDI2001AS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI2002AS INFINEON-1EDI2002AS Datasheet
4Mb / 147P
   Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
1EDI2002ASXUMA2 INFINEON-1EDI2002ASXUMA2 Datasheet
4Mb / 147P
   Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
1EDI2002AS INFINEON-1EDI2002AS_15 Datasheet
4Mb / 147P
   Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
1EDI2004AS INFINEON-1EDI2004AS Datasheet
3Mb / 138P
   High Voltage IGBT Driver for Automotive Applications
Rev. 2.0 2019-01-16
More results

Similar Description - 1EDI2001AS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI2002AS INFINEON-1EDI2002AS_15 Datasheet
4Mb / 147P
   Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
1EBN1001AE INFINEON-1EBN1001AE_15 Datasheet
1Mb / 23P
   Single Channel Booster for Inverter Systems
Rev. 3.0, 2015-04-30
1EDI2010AS INFINEON-1EDI2010AS Datasheet
3Mb / 135P
   Single Channel Isolated Driver
Rev 2.0, 2017-06-19
logo
Texas Instruments
UCC20225-Q1 TI1-UCC20225-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48V Systems
logo
Infineon Technologies A...
1EDS20I12SV INFINEON-1EDS20I12SV Datasheet
1Mb / 33P
   Single-channel isolated IGBT Driver
Revision 0.73, 05.06.2014
logo
Texas Instruments
UCC20225-Q1 TI1-UCC20225-Q1_V01 Datasheet
1Mb / 48P
[Old version datasheet]   Isolated Dual-Channel Gate Driver with Single Input in LGA for Automotive 48-V Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
SN74LVC1G06 TI1-SN74LVC1G06_15 Datasheet
1Mb / 30P
[Old version datasheet]   Single Inverter Buffer/Driver
logo
MPS Industries, Inc.
H1300 MPSIND-H1300 Datasheet
302Kb / 2P
   HIGH CURRENT INDUCTORS FOR INVERTER SYSTEMS
HWI57A2 MPSIND-HWI57A2 Datasheet
351Kb / 3P
   HIGH CURRENT INDUCTORS FOR INVERTER SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com