Electronic Components Datasheet Search |
|
SPB-2810LWG Datasheet(PDF) 3 Page - Optoway Technology Inc |
|
SPB-2810LWG Datasheet(HTML) 3 Page - Optoway Technology Inc |
3 / 5 page Optoway SPB-2810LWG *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12 /1/2011 V4.0 3 CONNECTION DIAGRAM PIN Signal Name Description PIN Signal Name Description 1 VEET Transmitter Signal Ground 11 VEER Receiver Signal Ground 2 TX_Fault Transmitter Fault Indication. Logic “1” Output = Laser Fault. Logic “0” Output = Normal Operation 12 RD- Inverse Receiver Data Out 3 TX_Disable Logic “1” Input (or no connection) = Laser off, Logic “0” = Laser on. 13 RD+ Receiver Data Out 4 SDA Modulation Definition 2 – Two wires serial ID Interface 14 VEER Receiver Signal Ground 5 SDL Modulation Definition 1 – Two wires serial ID Interface 15 VCCR Receiver Power – 3.3V±5% 6 MOD-ABS Modulation Definition 0 – Ground in Module 16 VCCT Transmitter Power – 3.3V±5% 7 RS0 RX Rate Select (LVTTL). This pin has an internal 30k pulldown to ground. A signal on this pin will not affect module performance. 17 VEET Transmitter Signal Ground 8 RX_LOS Loss of Signal Out (OC). 18 TD+ Transmitter Data In 9 RS1 TX Rate Select (LVTTL). This pin has an internal 30k pulldown to ground. A signal on this pin will not affect module performance. 19 TD- Inverse Transmitter Data In 10 VEER Receiver Signal Ground 20 VEET Transmitter Signal Ground MODULE DEFINITION Module Definition PIN 4 PIN 5 PIN 6 Interpretation by Host 4 SDA SCL MOD-ABS Serial module definition protocol Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SDA and SDL appear as no connector (NC) and MOD-ABS is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components. |
Similar Part No. - SPB-2810LWG_15 |
|
Similar Description - SPB-2810LWG_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |