Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2595RGTT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2595RGTT
Description  2.4-GHz RF FRONT END
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2595RGTT Datasheet(HTML) 3 Page - Texas Instruments

  CC2595RGTT Datasheet HTML 1Page - Texas Instruments CC2595RGTT Datasheet HTML 2Page - Texas Instruments CC2595RGTT Datasheet HTML 3Page - Texas Instruments CC2595RGTT Datasheet HTML 4Page - Texas Instruments CC2595RGTT Datasheet HTML 5Page - Texas Instruments CC2595RGTT Datasheet HTML 6Page - Texas Instruments CC2595RGTT Datasheet HTML 7Page - Texas Instruments CC2595RGTT Datasheet HTML 8Page - Texas Instruments CC2595RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CC2595
www.ti.com
SWRS090A – SEPTEMBER 2010 – REVISED MARCH 2011
Table 2. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40ºC to 85ºC
RGT (QFN)
CC2595RGTR
C2595
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
Supply voltage range
-0.3 to 3.6
V
Voltage on any digital pin
-0.3 to VDD + 0.3, max 3.6
V
RF input power RF_IN
+10
dBm
TSTG
Storage temperature range
–50 to 150
°C
TJ
Junction temperature
150
°C
RF pins
1500
ESD
HBM (Human Body Model)
V
Excluding RF pins
2000
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating supply voltage
2
3.6
V
TA
Operating free air temperature range
–40
85
°C
ELECTRICAL CHARACTERISTICS
TJ = 25°C, VDD = 3 V (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current consumption
No input signal
30
mA
Power down current
EN = LOW
1
µA
High input level (control pin)
1.3
VDD
V
Low input level (control pin)
0.3
V
Power down
→ Transmit
Time from EN goes HIGH to settled in TX
1
µs
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CC2595


Similar Part No. - CC2595RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2595RGTR TI-CC2595RGTR Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
More results

Similar Description - CC2595RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
   2.4 GHz Front-End Module
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
664Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
497Kb / 16P
[Old version datasheet]   2.4-GHz RF Front End, 14-dBm output power
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
   2.4 GHz, 802.11ac Front-End Module
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com