Electronic Components Datasheet Search |
|
LMH2110 Datasheet(PDF) 8 Page - Texas Instruments |
|
LMH2110 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 36 page LMH2110 SNWS022D – JANUARY 2010 – REVISED JUNE 2015 www.ti.com 2.7-V and 4.5-V DC and AC Electrical Characteristics (continued) Unless otherwise specified: all limits are ensured to TA = 25°C, VBAT = 2.7 V and 4.5 V (worst of the 2 is specified), RFIN = 1900 MHz CW (Continuous Wave, unmodulated). (1) PARAMETER TEST CONDITIONS MIN(2) TYP(3) MAX(2) UNIT RFIN = 5800 MHz, fit range –20 dBm to 3 dBm (5) Minimum power level, PMIN bottom end of dynamic Log conformance error within ±1 dB –22 dBm range Maximum power level, PMAX Log conformance error within ±1 dB 10 dBm top end of dynamic range VMIN Minimum output voltage At PMIN 3 mV VMAX Maximum output voltage At PMAX 1.34 V KSLOPE Logarithmic slope 42.5 44.8 47.1 mV/dB PINT Logarithmic Intercept –22 –21 –19.9 dBm ±1-dB Log conformance error (ELC) 32 ±1-dB Log conformance error (ELC) 31 Limits apply at temperature extremes. ±3-dB Log conformance error (ELC) 39 Dynamic range for DR dB ±3-dB Log conformance error (ELC) specified accuracy 37 Limits apply at temperature extremes. ±0.5-dB Input referred variation over temperature (EVOT), from PMIN 33 Limits apply at temperature extremes. 6.6 Timing Requirements MIN NOM MAX UNIT Turnon time from shutdown tON 15 19 µs RFIN = –10 dBm, 1900 MHz, EN LOW-HIGH transition to OUT at 90% Rise time(1) tR 2.2 µs Signal at RFIN from –20 dBm to 0 dBm, 10% to 90%, 1900 MHz Fall time (1) tF 31 µs Signal at RFIN from 0 dBm to –20 dBm, 90% to 10%, 1900 MHz (1) This parameter is specified by design and/or characterization and is not tested in production. 8 Submit Documentation Feedback Copyright © 2010–2015, Texas Instruments Incorporated Product Folder Links: LMH2110 |
Similar Part No. - LMH2110_15 |
|
Similar Description - LMH2110_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |