Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS9000 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS9000
Description  50 MHz to 750 MHz CASCADEABLE AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS9000 Datasheet(HTML) 5 Page - Texas Instruments

  THS9000_15 Datasheet HTML 1Page - Texas Instruments THS9000_15 Datasheet HTML 2Page - Texas Instruments THS9000_15 Datasheet HTML 3Page - Texas Instruments THS9000_15 Datasheet HTML 4Page - Texas Instruments THS9000_15 Datasheet HTML 5Page - Texas Instruments THS9000_15 Datasheet HTML 6Page - Texas Instruments THS9000_15 Datasheet HTML 7Page - Texas Instruments THS9000_15 Datasheet HTML 8Page - Texas Instruments THS9000_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
10
11
12
13
14
15
16
17
18
19
20
21
22
−6
−4
−2
0
2
4
6
8
10
12
PI − Input Power − dBm
VS = 5 V, IS = 97 mA
VS = 5 V, IS = 71 mA
VS = 3 V, IS = 69 mA
VS = 3 V, IS = 49 mA
VS = 3 V, IS = 91 mA
14
VS = 5 V, IS = 48 mA
10
11
12
13
14
15
16
17
1 M
10 M
100 M
1 G
f − Frequency − Hz
VS = 3 to 5 V,
R(BIAS) = Various,
L(COL) = 470 nH
R(BIAS) = 56.2 W,
VS = 3 V
R(BIAS) = 97.7W,
VS = 3 V
R(BIAS) = 174 W, VS = 3 V
R(BIAS) = 237 W,
VS = 5 V
R(BIAS) = 549 W, VS = 5 V
R(BIAS) = 340 W,
VS = 5 V
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
1 M
10 M
100 M
1 G
f − Frequency − Hz
L(COL) = 68 nH
VS = 5 V,
R(BIAS) = 237W,
L(COL) = 470 nH
L(COL) = 330 nH
L(COL) = 220 nH
L(COL) = 100 nH
−40
−35
−30
−25
−20
−15
1 M
10 M
100 M
1 G
f − Frequency − Hz
L(COL) = 68 nH
VS = 5 V,
R(BIAS) = 237W,
L(COL) = 470 nH
L(COL) = 330 nH
L(COL) = 100 nH
L(COL) = 220 nH
THS9000
www.ti.com
SLOS425E – DECEMBER 2003 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
S11
S12
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 4.
Figure 5.
S-Parameters of THS9000 as mounted on the EVM with VS = 3 V and 5 V, R(BIAS) = various, and L(COL) = 470 nH
at room temp.
S21
OUTPUT POWER
vs
vs
R(BIAS)
INPUT POWER
Figure 6.
Figure 7.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: THS9000


Similar Part No. - THS9000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS9000DRDR TI-THS9000DRDR Datasheet
505Kb / 18P
[Old version datasheet]   50 MHz to 400 MHz CASCADEABLE AMPLIFIER
THS9000DRDT TI-THS9000DRDT Datasheet
505Kb / 18P
[Old version datasheet]   50 MHz to 400 MHz CASCADEABLE AMPLIFIER
THS9000DRWR TI-THS9000DRWR Datasheet
505Kb / 18P
[Old version datasheet]   50 MHz to 400 MHz CASCADEABLE AMPLIFIER
THS9000DRWRG4 TI-THS9000DRWRG4 Datasheet
505Kb / 18P
[Old version datasheet]   50 MHz to 400 MHz CASCADEABLE AMPLIFIER
THS9000DRWT TI-THS9000DRWT Datasheet
505Kb / 18P
[Old version datasheet]   50 MHz to 400 MHz CASCADEABLE AMPLIFIER
More results

Similar Description - THS9000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS9001 TI1-THS9001_14 Datasheet
1Mb / 24P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
THS9001 TI-THS9001_15 Datasheet
1Mb / 23P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
THS9000 TI-THS9000 Datasheet
505Kb / 18P
[Old version datasheet]   50 MHz to 400 MHz CASCADEABLE AMPLIFIER
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Mini-Circuits
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
   Directional Coupler 50廓 50 to 750 MHz
TCD-10-1W MINI-TCD-10-1W Datasheet
286Kb / 1P
   Directional Coupler 50廓 10 to 750 MHz
JDC-10-2 MINI-JDC-10-2 Datasheet
310Kb / 1P
   Directional Coupler 50廓 5 to 750 MHz
logo
BeRex Corporation
BG18A BEREX-BG18A Datasheet
689Kb / 10P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
logo
Motorola, Inc
MHW7142 MOTOROLA-MHW7142 Datasheet
51Kb / 2P
   750 MHz CATV Conventional Hybrid Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com