Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9K18-40E Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK9K18-40E
Description  Dual N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9K18-40E Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK9K18-40E_15 Datasheet HTML 5Page - NXP Semiconductors BUK9K18-40E_15 Datasheet HTML 6Page - NXP Semiconductors BUK9K18-40E_15 Datasheet HTML 7Page - NXP Semiconductors BUK9K18-40E_15 Datasheet HTML 8Page - NXP Semiconductors BUK9K18-40E_15 Datasheet HTML 9Page - NXP Semiconductors BUK9K18-40E_15 Datasheet HTML 10Page - NXP Semiconductors BUK9K18-40E_15 Datasheet HTML 11Page - NXP Semiconductors BUK9K18-40E_15 Datasheet HTML 12Page - NXP Semiconductors BUK9K18-40E_15 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NXP Semiconductors
BUK9K18-40E
Dual N-channel TrenchMOS logic level FET
BUK9K18-40E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
23 April 2013
9 / 13
003aaj638
10
102
103
10-1
1
10
102
VDS(V)
C
(pF)
Ciss
Crss
Coss
Fig. 16. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
003aaj639
0
10
20
30
40
0
0.3
0.6
0.9
1.2
VSD(V)
IS
(A)
Tj = 25 °C
Tj = 175°C
Fig. 17. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values


Similar Part No. - BUK9K18-40E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9K18-40E115 NXP-BUK9K18-40E115 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
More results

Similar Description - BUK9K18-40E_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9K29-100E PHILIPS-BUK9K29-100E_15 Datasheet
313Kb / 13P
   Dual N-channel TrenchMOS logic level FET
28 March 2013
BUK9K45-100E PHILIPS-BUK9K45-100E_15 Datasheet
308Kb / 13P
   Dual N-channel TrenchMOS logic level FET
26 March 2013
logo
Nexperia B.V. All right...
PHKD6N02LT NEXPERIA-PHKD6N02LT Datasheet
748Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 04 - 27 April 2010
logo
NXP Semiconductors
PHN203 NXP-PHN203 Datasheet
204Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05-27 April 2010
BUK9K18-40E115 NXP-BUK9K18-40E115 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
logo
Nexperia B.V. All right...
BUK9K6R2-40E NEXPERIA-BUK9K6R2-40E Datasheet
739Kb / 13P
   Dual N-channel TrenchMOS logic level FET
PHKD13N03LT NEXPERIA-PHKD13N03LT Datasheet
781Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 5 - 27 December 2011
logo
NXP Semiconductors
BUK9K6R2-40E PHILIPS-BUK9K6R2-40E_15 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
BUK9K89-100E PHILIPS-BUK9K89-100E_15 Datasheet
296Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
BUK9K18-40E NXP-BUK9K18-40E Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
PHKD6N02LT NXP-PHKD6N02LT Datasheet
181Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 04-27 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com