Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0102-100QPWREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 3 Page - Texas Instruments

  TPL0102-100QPWREP Datasheet HTML 1Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 2Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 3Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 4Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 5Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 6Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 7Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 8Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
HA
LA
WA
HB
LB
WB
A2
VDD
A0
A1
GND
SCL
SDA
VSS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TPL0102-EP
www.ti.com
SLIS149 – JUNE 2014
6 Pin Configuration and Functions
TSSOP – PW Package
14 Pins
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
HA
1
I/O
High pin of potentiometer A
LA
2
I/O
Low pin of potentiometer A
WA
3
I/O
Wiper pin of potentiometer A
HB
4
I/O
High pin of potentiometer B
LB
5
I/O
Low pin of potentiometer B
WB
6
I/O
Wiper pin of potentiometer B
A2
7
I
Address bit 2
VSS
8
Power
Negative or GND power supply pin
SDA
9
I/O
I2C data I/O
SCL
10
I
I2C clock input
GND
11
Ground
A1
12
I
Address bit 1
A0
13
I
Address bit 0
VDD
14
Power
Positive power supply pin
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPL0102-100QPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
More results

Similar Description - TPL0102-100QPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
   256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Winbond
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Analog Devices
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com