Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0102-100QPWREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100QPWREP
Description  TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL0102-100QPWREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL0102-100QPWREP Datasheet HTML 4Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 5Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 6Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 7Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 8Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 9Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 10Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 11Page - Texas Instruments TPL0102-100QPWREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TPL0102-EP
SLIS149 – JUNE 2014
www.ti.com
7.6 Operating Characteristics
VDD = 2.7 to 5.5 V, VSS = 0 V, VH = VDD, VL = GND, TJ= –40°C to 125°C (unless otherwise noted). Typical values are at
VDD = 5 V, TJ = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–40°C
0.2
1.5
VDD = 2.75 V, VSS = –2.75 V,
IDD(STBY)
VDD standby current
25°C
1
µA
I2C interface in standby mode
125°C
16
–40°C
–1.5
–0.2
VDD = 2.75 V, VSS = –2.75 V,
ISS(STBY)
VSS standby current
25°C
–1
µA
I2C interface in standby mode
125°C
–16
–40°C
0.2
1.5
VDD = 2.75 V, VSS = –2.75 V,
IDD(SHUTDOWN)
VDD shutdown current
25°C
1
µA
I2C interface in standby mode
125°C
16
–40°C
–1.5
–0.2
VDD = 2.75 V, VSS = –2.75 V,
ISS(SHUTDOWN)
VSS shutdown current
25°C
–1
µA
I2C interface in standby mode
125°C
–16
IDD
VDD current during non-volatile write
VDD = 2.75 V, VSS = –2.75 V
350
µA
ISS
VSS current during non-volatile write
VDD = 2.75 V, VSS = –2.75 V
-350
µA
Digital pins leakage current (A0, A1,
ILKG-DIG
–1
1
µA
A2, SDA, and SCL)
VPOR
Power-on recall voltage
Minimum VDD at which memory recall occurs
2
V
EEPROM SPECIFICATION
EEPROM endurance
1000
Cycles
EEPROM retention
100000
Hours
tWC
Non-volatile write cycle time
20
ms
WIPER TIMING CHARACTERISTICS
tWRT
Wiper response time
SCL falling edge of last bit of wiper data byte to wiper
600
ns
new position
tSHUTDOWNREC
Wiper position recall time from shut-
SCL falling edge of last bit of ACR data byte to wiper
800
ns
down mode
stored position and H connection
tD
Power-up delay
VDD above VPOR, to wiper initial value register recall
35
100
µs
completed, and I2C interface in standby mode
CIN
Pin capacitance
A0, A1, A2, SDA SCL pins
7
pF
I2C INTERFACE SPECIFICATIONS
VIH
Input high voltage
0.7 ×
5.5
V
VDD
VIL
Input low voltage
0.3 ×
0
V
VDD
VOL
Output low voltage
SDA pin, IOL = 4 mA
0.4
V
CIN
Pin capacitance
A0, A1, A2, SDA SCL pins
7
pF
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - TPL0102-100QPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
1Mb / 45P
[Old version datasheet]   Two 256-Taps Digital Potentiometers
More results

Similar Description - TPL0102-100QPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
   256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
Texas Instruments
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
Winbond
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Analog Devices
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com