Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS55340 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS55340
Description  TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS55340 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS55340_15 Datasheet HTML 3Page - Texas Instruments TPS55340_15 Datasheet HTML 4Page - Texas Instruments TPS55340_15 Datasheet HTML 5Page - Texas Instruments TPS55340_15 Datasheet HTML 6Page - Texas Instruments TPS55340_15 Datasheet HTML 7Page - Texas Instruments TPS55340_15 Datasheet HTML 8Page - Texas Instruments TPS55340_15 Datasheet HTML 9Page - Texas Instruments TPS55340_15 Datasheet HTML 10Page - Texas Instruments TPS55340_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
0.7
0.8
0.9
1
1.1
1.2
1.3
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
EN Voltage Rising
EN Voltage Falling
G010
94
95
96
97
98
99
100
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
RFREQ = 80 kΩ
G011
2.5
2.54
2.58
2.62
2.66
2.7
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
UVLO Start
UVLO Stop
G009
0.5
1
1.5
2
2.5
3
3.5
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
COMP Pin Clamp High
COMP Pin Clamp Low
G008
0
100
200
300
400
500
600
700
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
Non-Foldback
Foldback
RFREQ = 80 kΩ
G007
Voltage on the VIN Pin (V)
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
D006
TPS55340
www.ti.com
SLVSBD4C – MAY 2012 – REVISED JANUARY 2015
Typical Characteristics (continued)
VIN = 5 V, TA = 25°C (unless otherwise noted)
Figure 7. Minimum Switching Frequency for Quick Recovery
Figure 8. Nonfoldback Frequency vs Foldback Frequency
from Frequency Foldback
Figure 9. COMP Clamp Voltage vs Temperature
Figure 10. Input Voltage UVLO vs Temperature
Figure 11. Enable Voltage vs Temperature
Figure 12. Maximum Duty Cycle vs Temperature
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS55340


Similar Part No. - TPS55340_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
More results

Similar Description - TPS55340_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com