Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS55340-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS55340-EP
Description  TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS55340-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS55340-EP Datasheet HTML 2Page - Texas Instruments TPS55340-EP Datasheet HTML 3Page - Texas Instruments TPS55340-EP Datasheet HTML 4Page - Texas Instruments TPS55340-EP Datasheet HTML 5Page - Texas Instruments TPS55340-EP Datasheet HTML 6Page - Texas Instruments TPS55340-EP Datasheet HTML 7Page - Texas Instruments TPS55340-EP Datasheet HTML 8Page - Texas Instruments TPS55340-EP Datasheet HTML 9Page - Texas Instruments TPS55340-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
0
200
400
600
800
1000
1200
1400
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
message
1
message
2
message
3
C005
R
FREQ = 40 kŸ
R
FREQ = 80 kŸ
R
FREQ = 480 kŸ
0
200
400
600
800
1000
1200
1400
1600
30
100
500
Resistance (k
Ω)
G005
1.220
1.222
1.224
1.226
1.228
1.230
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C003
0
20
40
60
80
100
120
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C004
V
IN = 5 V
V
IN = 12 V
V
IN = 3 V
300
320
340
360
380
400
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
1
2
3
4
5
6
7
8
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C002
TPS55340-EP
SLVSCG7 – JULY 2014
www.ti.com
8.6 Typical Characteristics
Vin = 5 V, TJ = 25°C (unless otherwise noted)
Figure 1. Error Amplifier Transconductance vs Temperature
Figure 2. Switch Current Limit vs Temperature
Figure 3. Feedback Voltage Reference vs Temperature
Figure 4. RDS(ON) vs Temperature
Figure 5. Frequency vs FREQ Resistance
Figure 6. Frequency vs Temperature
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - TPS55340-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340-EP TI1-TPS55340-EP Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
More results

Similar Description - TPS55340-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com