Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSZ017NE2LS5I Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSZ017NE2LS5I
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ017NE2LS5I Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSZ017NE2LS5I_15 Datasheet HTML 2Page - Infineon Technologies AG BSZ017NE2LS5I_15 Datasheet HTML 3Page - Infineon Technologies AG BSZ017NE2LS5I_15 Datasheet HTML 4Page - Infineon Technologies AG BSZ017NE2LS5I_15 Datasheet HTML 5Page - Infineon Technologies AG BSZ017NE2LS5I_15 Datasheet HTML 6Page - Infineon Technologies AG BSZ017NE2LS5I_15 Datasheet HTML 7Page - Infineon Technologies AG BSZ017NE2LS5I_15 Datasheet HTML 8Page - Infineon Technologies AG BSZ017NE2LS5I_15 Datasheet HTML 9Page - Infineon Technologies AG BSZ017NE2LS5I_15 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
OptiMOSTM5Power-MOSFET,25V
BSZ017NE2LS5I
Rev.2.0,2015-08-17
Final Data Sheet
Table6Gatechargecharacteristics1)
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
3.7
-
nC
VDD=12V,ID=30A,VGS=0to4.5V
Gate charge at threshold
Qg(th)
-
2.4
-
nC
VDD=12V,ID=30A,VGS=0to4.5V
Gate to drain charge
Qgd
-
2.3
-
nC
VDD=12V,ID=30A,VGS=0to4.5V
Switching charge
Qsw
-
3.5
-
nC
VDD=12V,ID=30A,VGS=0to4.5V
Gate charge total
Qg
-
10.5
14
nC
VDD=12V,ID=30A,VGS=0to4.5V
Gate plateau voltage
Vplateau
-
2.4
-
V
VDD=12V,ID=30A,VGS=0to4.5V
Gate charge total
2)
Qg
-
22
30
nC
VDD=12V,ID=30A,VGS=0to10V
Gate charge total, sync. FET
Qg(sync)
-
9.8
-
nC
VDS=0.1V,VGS=0to4.5V
Output charge
2)
Qoss
-
17.5
24
nC
VDD=12V,VGS=0V
Table7Reversediode
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Diode continuous forward current
IS
-
-
40
A
TC=25°C
Diode pulse current
IS,pulse
-
-
160
A
TC=25°C
Diode forward voltage
VSD
-
0.51
0.65
V
VGS=0V,IF=7A,Tj=25°C
Reverse recovery charge
Qrr
-
12
-
nC
VR=12V,IF=IS,diF/dt=400A/µs
1) See
″Gate charge waveforms″ for parameter definition
2) Defined by design. Not subject to production test.


Similar Part No. - BSZ017NE2LS5I_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ010NE2LS5 INFINEON-BSZ010NE2LS5 Datasheet
1Mb / 11P
   OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.2,2020-05-12
BSZ011NE2LS5I INFINEON-BSZ011NE2LS5I Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 25 V
Rev.2.1,2020-10-23
BSZ013NE2LS5I INFINEON-BSZ013NE2LS5I Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
BSZ013NE2LS5I INFINEON-BSZ013NE2LS5I_15 Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
BSZ014NE2LS5IF INFINEON-BSZ014NE2LS5IF Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-04-27
More results

Similar Description - BSZ017NE2LS5I_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com