Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS55340 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS55340
Description  TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS55340 Datasheet(HTML) 1 Page - Texas Instruments

  TPS55340 Datasheet HTML 1Page - Texas Instruments TPS55340 Datasheet HTML 2Page - Texas Instruments TPS55340 Datasheet HTML 3Page - Texas Instruments TPS55340 Datasheet HTML 4Page - Texas Instruments TPS55340 Datasheet HTML 5Page - Texas Instruments TPS55340 Datasheet HTML 6Page - Texas Instruments TPS55340 Datasheet HTML 7Page - Texas Instruments TPS55340 Datasheet HTML 8Page - Texas Instruments TPS55340 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2
2.4
Output Current (A)
VIN = 15 V
VIN = 12 V
VIN = 5 V
VOUT = 24 V
fSW = 600 kHz
G031
TPS55340
VIN
EN
SW
SW
SW
FREQ
SS
COMP
SYNC
FB
PGND
PGND
PGND
VIN
VOUT
RSL
RSH
L
D
CI
CO
RFREQ
CSS
RC
CC
AGND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS55340-EP
SLVSCG7 – JULY 2014
TPS55340-EP Integrated 5-A, 40-V Wide Input Range
Boost/SEPIC/Flyback DC-DC Regulator
1 Features
2 Applications
1
Internal 5-A, 40-V Low-Side MOSFET Switch
3.3-V, 5-V, 12-V, 24-V Power Conversion
2.9-V to 32-V Input Voltage Range
Boost, SEPIC, and Flyback Topologies
±0.7% Reference Voltage
Thunderbolt Port, Power Docking for Tablets and
Portable PCs
0.5-mA Operating Quiescent Current
Industrial Power Systems
2.7-µA Shutdown Supply Current
ADSL Modems
Fixed Frequency Current Mode PWM Control
Frequency Adjustable from 100 kHz to 1.2 MHz
3 Description
Synchronization Capability to External Clock
The TPS55340-EP is a monolithic, non-synchronous
Adjustable Soft-Start Time
switching regulator with integrated 5-A, 40-V power
Pulse-Skipping for Higher Efficiency at Light
switch. It can be configured in several standard
switching-regulator
topologies,
including
boost,
Loads
SEPIC and isolated flyback. The device has a wide
Cycle-by-Cycle Current Limit, Thermal Shutdown,
input voltage range to support applications with input
and UVLO Protection
voltage from multi-cell batteries or regulated 3.3-, 5-,
Supports Defense, Aerospace, and Medical
12-, and 24-V power rails.
Applications
The TPS55340-EP regulates the output voltage with
Controlled Baseline
current mode pulse width modulation (PWM) control,
One Assembly and Test Site
and
has
an
internal
oscillator.
The
switching
frequency of PWM is set by either an external resistor
One Fabrication Site
or by synchronizing to an external clock signal. The
Available in Military (–55°C to 125°C)
user can program the switching frequency from
Temperature Range
100 kHz to 1.2 MHz.
Extended Product Life Cycle
The
device
features
a
programmable
soft-start
Extended Product-Change Notification
function to limit inrush current during start-up and has
other built-in protection features including cycle-by-
Product Traceability
cycle over current limit and thermal shutdown.
Device Information(1)
ORDER NUMBER
PACKAGE
BODY SIZE (NOM)
TPS55340MRTETEP
WQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Typical Application (Boost)
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS55340

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI-TPS55340 Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55340-EP TI1-TPS55340-EP Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
More results

Similar Description - TPS55340

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-Q1 TI1-TPS55340-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com