Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM138K Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BLM138K
Description  N-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BLM138K Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BLM138K Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BLM138K Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BLM138K Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BLM138K Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BLM138K Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BLM138K Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.belling.com.cn
Page
V2.0
1
BLM138K
Pb Free Product
N-Channel Enhancement Mode Power MOSFET
GENERAL FEATURES
VDS = 50V,ID = 0.22A
RDS(ON) < 3Ω @ VGS=5V
RDS(ON) < 2Ω @ VGS=10V
ESD Rating:HBM 2300V
High Power and current handing capability
Lead free product is acquired
Surface Mount Package
Application
Direct Logic-Level Interface: TTL/CMOS
Drivers: Relays, Solenoids, Lamps, Hammers,Display,
Memories, Transistors, etc.
Battery Operated Systems
Solid-State Relays
Schematic diagram
Marking and pin Assignment
SOT-23 top view
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
138K
BLM138K
SOT-23
Ø180mm
8 mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
50
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
0.22
A
Drain Current-Pulsed (Note 1)
IDM
0.88
A
Maximum Power Dissipation
PD
0.35
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
350
/W
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
50
65
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=50V,VGS=0V
-
-
1
μA


Similar Part No. - BLM138K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM10A100S MURATA-BLM10A100S Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
BLM10A100S MURATA-BLM10A100S Datasheet
190Kb / 5P
   Product Specification for Reference Only
BLM10A102SG MURATA-BLM10A102SG Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
BLM10A102SG MURATA-BLM10A102SG Datasheet
190Kb / 5P
   Product Specification for Reference Only
BLM10A102SGPT MURATA-BLM10A102SGPT Datasheet
178Kb / 4P
   SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
More results

Similar Description - BLM138K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com