Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDH16G120C5 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IDH16G120C5
Description  Silicon Carbide Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH16G120C5 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IDH16G120C5_15 Datasheet HTML 1Page - Infineon Technologies AG IDH16G120C5_15 Datasheet HTML 2Page - Infineon Technologies AG IDH16G120C5_15 Datasheet HTML 3Page - Infineon Technologies AG IDH16G120C5_15 Datasheet HTML 4Page - Infineon Technologies AG IDH16G120C5_15 Datasheet HTML 5Page - Infineon Technologies AG IDH16G120C5_15 Datasheet HTML 6Page - Infineon Technologies AG IDH16G120C5_15 Datasheet HTML 7Page - Infineon Technologies AG IDH16G120C5_15 Datasheet HTML 8Page - Infineon Technologies AG IDH16G120C5_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Final Datasheet
3
Rev. 2.0, 2015-09-03
5
th Generation thinQ!™ 1200 V SiC Schottky Diode
IDH16G120C5
Table of Contents
Description ..................................................................................................................................................2
Table of Contents........................................................................................................................................3
Maximum Ratings .......................................................................................................................................4
Thermal Resistances ..................................................................................................................................4
Electrical Characteristics.............................................................................................................................5
Electrical Characteristics Diagram ..............................................................................................................6
Package Drawings ......................................................................................................................................9
Revision History ........................................................................................................................................10
Disclaimer .................................................................................................................................................10


Similar Part No. - IDH16G120C5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH16G65C INFINEON-IDH16G65C Datasheet
1Mb / 11P
   5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
IDH16G65C5 INFINEON-IDH16G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
IDH16G65C5 INFINEON-IDH16G65C5 Datasheet
1Mb / 11P
   SiC Silicon Carbide Diode
Rev. 2.2, 2012-12-10
IDH16G65C5 INFINEON-IDH16G65C5 Datasheet
1Mb / 11P
   5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
IDH16G65C5 INFINEON-IDH16G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
More results

Similar Description - IDH16G120C5_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com