Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61097A-33 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61097A-33
Description  TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61097A-33 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61097A-33_15 Datasheet HTML 6Page - Texas Instruments TPS61097A-33_15 Datasheet HTML 7Page - Texas Instruments TPS61097A-33_15 Datasheet HTML 8Page - Texas Instruments TPS61097A-33_15 Datasheet HTML 9Page - Texas Instruments TPS61097A-33_15 Datasheet HTML 10Page - Texas Instruments TPS61097A-33_15 Datasheet HTML 11Page - Texas Instruments TPS61097A-33_15 Datasheet HTML 12Page - Texas Instruments TPS61097A-33_15 Datasheet HTML 13Page - Texas Instruments TPS61097A-33_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
I
L
t
200mA
(typ.)
ContinuousCurrentOperation
DiscontinuousCurrentOperation
200mA
(typ.)
TPS61097A-33
SLVSCF2A – JANUARY 2014 – REVISED DECEMBER 2014
www.ti.com
8.3 Feature Description
8.3.1
Controller Circuit
The device is controlled by a hysteretic current mode controller. This controller regulates the output voltage by
keeping the inductor ripple current constant in the range of 200 mA and adjusting the offset of this inductor
current depending on the output load. If the required average input current is lower than the average inductor
current defined by this constant ripple the inductor current goes discontinuous to keep the efficiency high at low
load conditions.
Figure 16. Hysteretic Current Operation
The output voltage VOUT is monitored via the feedback network which is connected to the voltage error amplifier.
To regulate the output voltage, the voltage error amplifier compares this feedback voltage to the internal voltage
reference and adjusts the required offset of the inductor current accordingly.
8.3.2 Device Enable and Shutdown Mode
The device is enabled when EN is set high and shut down when EN is low. During shutdown, the converter stops
switching and all internal control circuitry is turned off.
8.3.3 Bypass Switch
The TPS61097A-33 contains a P-channel MOSFET (Bypass Switch) in parallel with the synchronous rectifying
MOSFET. When the IC is enabled (VEN > VIH), the Bypass Switch is turned off to allow the IC to work as a
standard boost converter. When the IC is disabled (VEN < VIL) the Bypass Switch is turned on to provide a direct,
low impedance connection from the input voltage (at the L pin) to the load (VOUT). The Bypass Switch is not
impacted by Undervoltage lockout, Overvoltage or Thermal shutdown.
8.3.4 Startup
After the EN pin is tied high, the device starts to operate. If the input voltage is not high enough to supply the
control circuit properly a startup oscillator starts to operate the switches. During this phase the switching
frequency is controlled by the oscillator and the maximum switch current is limited. As soon as the device has
built up the output voltage to about 1.8 V, high enough for supplying the control circuit, the device switches to its
normal hysteretic current mode operation. The startup time depends on input voltage and load current.
8.3.5 Operation at Output Overload
If in normal boost operation the inductor current reaches the internal switch current limit threshold the main
switch is turned off to stop further increase of the input current. In this case the output voltage will decrease since
the device can not provide sufficient power to maintain the set output voltage.
If the output voltage drops below the input voltage the backgate diode of the rectifying switch gets forward biased
and current starts flow through it. Because this diode cannot be turned off, the load current is only limited by the
remaining DC resistances. As soon as the overload condition is removed, the converter automatically resumes
normal operation and enters the appropriate soft start mode depending on the operating conditions.
8.3.6 Undervoltage Lockout
An undervoltage lockout function stops the operation of the converter if the input voltage drops below the typical
undervoltage lockout threshold. This function is implemented in order to prevent malfunctioning of the converter.
The undervoltage lockout function has no control of the Bypass Switch. If the Bypass Switch is enabled
(VEN < VIL) there is no impact during an undervoltage condition, and the Bypass Switch remains on.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - TPS61097A-33_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results

Similar Description - TPS61097A-33_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com