Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61222-EP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61222-EP
Description  LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61222-EP Datasheet(HTML) 2 Page - Texas Instruments

  TPS61222-EP_15 Datasheet HTML 1Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 2Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 3Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 4Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 5Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 6Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 7Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 8Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS61222-EP
SLVSBI2 – SEPTEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE DEVICE OPTIONS(1)
PACKAGE
TJ
PACKAGE(2)
PART NUMBER
VID NUMBER
MARKING
–55°C to 125°C
SHL
6-Pin SC-70
TPS61222MDCKTEP
V62/12603-01XE
(1)
Contact the factory to check availability of other fixed output voltage versions.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
VIN
Input voltage range on VIN, L, VOUT, EN, FB
–0.3 to 7.5
V
TJ
Operating junction temperature range
–55 to 145
°C
Tstg
Storage temperature range
–65 to 150
°C
Human Body Model (HBM)(2)
2
kV
ESD
Machine Model (MM)(2)
200
V
Charged Device Model (CDM)(2)
1.5
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TPS61222
THERMAL METRIC(1)
DCK
UNITS
6 PINS
θJA
Junction-to-ambient thermal resistance(2)
231.2
θJCtop
Junction-to-case (top) thermal resistance(3)
61.8
θJB
Junction-to-board thermal resistance(4)
78.8
°C/W
ψJT
Junction-to-top characterization parameter(5)
2.2
ψJB
Junction-to-board characterization parameter(6)
78
θJCbot
Junction-to-case (bottom) thermal resistance(7)
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TPS61222-EP


Similar Part No. - TPS61222-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
More results

Similar Description - TPS61222-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com