Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX130 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRX130
Description  1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRX130 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRX130 Datasheet HTML 1Page - Micro Commercial Components MBRX130 Datasheet HTML 2Page - Micro Commercial Components MBRX130 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
Features
l
High Current Capability
l
Extremely Low Thermal Resistance
l
For Surface Mount Application
l
Higher Temp Soldering: 250
oC for 10 Seconds At Terminals
l
Low Forward Voltage
Maximum Ratings
l
Operating Temperature: -55
oC to +125oC
l
Storage Temperature: -55
oC to +150oC
l
Maximum Thermal Resistance: 5
oC/W Junction to Lead
MBRX120
X2
20V
14V
20V
MBRX130
X3
30V
21V
30V
MBRX140
X4
40V
28V
40V
MBRX160
X6
60V
42V
60V
MBRX180
X8
80V
56V
80V
MBRX1100
XA
100V
70V
100V
Maximum
DC
Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TJ=90
oC
Peak Forward
Surge Current
IFSM
20A
8.3ms half sine
Maximum
Instantaneous
Forward Voltage
MBRX120
MBRX130
MBRX140
MBRX160
MBRX180-1100
V F
0.50V
0.55V
0.55V
0.72V
0.85V
IFM=1.0A
TA=25
oC
Maximum DC
Reverse Current
At Rated DC
Blocking Voltage
IR
0.3mA
TJ=25
oC
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz,
VR=4.0V
MBRX120
THRU
MBRX1100
1.0 Amp
Schottky Barrier
Rectifier
20 to 100 Volts
A
B
E
C
J
D
H
G
SOD123
0.036”
0.093"
0.048”
SUGGESTED SOLDER
PAD LAYOUT
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
Version: 3
2002/12/27


Similar Part No. - MBRX130

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX130 MCC-MBRX130 Datasheet
335Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
SHIKUES Electronics
MBRX130 SKTECHNOLGY-MBRX130 Datasheet
433Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRX130 BILIN-MBRX130 Datasheet
225Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Leiditech Elec...
MBRX130 LEIDITECH-MBRX130 Datasheet
657Kb / 5P
   Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates Compliant. See ordering information)
logo
Shenzhen Luguang Electr...
MBRX130 LUGUANG-MBRX130 Datasheet
251Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - MBRX130

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1S20 MCC-1S20 Datasheet
86Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
1S20 MCC-1S20_11 Datasheet
448Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Central Semiconductor C...
CMSH1-20M CENTRAL-CMSH1-20M Datasheet
121Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
CMSH1-20 CENTRAL-CMSH1-20 Datasheet
310Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
logo
Micro Commercial Compon...
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491DS MCC-RB491DS_13 Datasheet
253Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491D MCC-RB491D_06 Datasheet
868Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
MBRX120 MCC-MBRX120_11 Datasheet
335Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX120 MCC-MBRX120_15 Datasheet
483Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com